Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54x Datasheet(PDF) 50 Page - STMicroelectronics

Part # SPC56AP54x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54x Datasheet(HTML) 50 Page - STMicroelectronics

Back Button SPC56AP54x Datasheet HTML 46Page - STMicroelectronics SPC56AP54x Datasheet HTML 47Page - STMicroelectronics SPC56AP54x Datasheet HTML 48Page - STMicroelectronics SPC56AP54x Datasheet HTML 49Page - STMicroelectronics SPC56AP54x Datasheet HTML 50Page - STMicroelectronics SPC56AP54x Datasheet HTML 51Page - STMicroelectronics SPC56AP54x Datasheet HTML 52Page - STMicroelectronics SPC56AP54x Datasheet HTML 53Page - STMicroelectronics SPC56AP54x Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 105 page
background image
Electrical characteristics
SPC56xP54x, SPC56xP60x
50/105
DocID18340 Rev 6
Figure 5 shows the constraints of the different power supplies.
Figure 5. Power supplies constraints
The SPC56xP54x/SPC56xP60x supply architecture provides an ADC supply that is
managed independently of standard VDD_HV supply. Figure 6 shows the constraints of the
ADC power supply.
IINJSUM
SR
Absolute sum of all injected input
currents during overload condition
—
–50
50
mA
IVDD_LV
SR
Low voltage static current sink
through VDD_LV
——
155
mA
TSTG
SR Storage temperature
—
–55
150
°C
TJ
SR Junction temperature under bias
—
–40
150
°C
1. Functional operating conditions are given in the DC electrical characteristics. Absolute maximum ratings are stress ratings
only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect device
reliability or cause permanent damage to the device.
2. Absolute maximum voltages are currently maximum burn-in voltages. Absolute maximum specifications for device stress
have not yet been determined.
3. The difference between each couple of voltage supplies must be less than 300 mV, |VDD_HV_IOy – VDD_HV_IOx | < 300 mV.
4. Guaranteed by device validation.
5. Minimum value of TVDD must be guaranteed until VDD_HV_REG reaches 2.6 V (maximum value of VPORH).
Table 9. Absolute maximum ratings(1) (continued)
Symbol
Parameter
Conditions
Min
Max(2)
Unit
VDD_HV_xxx
VDD_HV_IOx
-0.3V
6.0V
-0.3V
6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com