Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54x Datasheet(PDF) 65 Page - STMicroelectronics

Part # SPC56AP54x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54x Datasheet(HTML) 65 Page - STMicroelectronics

Back Button SPC56AP54x Datasheet HTML 61Page - STMicroelectronics SPC56AP54x Datasheet HTML 62Page - STMicroelectronics SPC56AP54x Datasheet HTML 63Page - STMicroelectronics SPC56AP54x Datasheet HTML 64Page - STMicroelectronics SPC56AP54x Datasheet HTML 65Page - STMicroelectronics SPC56AP54x Datasheet HTML 66Page - STMicroelectronics SPC56AP54x Datasheet HTML 67Page - STMicroelectronics SPC56AP54x Datasheet HTML 68Page - STMicroelectronics SPC56AP54x Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 105 page
background image
DocID18340 Rev 6
65/105
SPC56xP54x, SPC56xP60x
Electrical characteristics
104
IPU
P Equivalent pull-up current
VIN = VIL
–130
—
µA
VIN = VIH
—–10
IPD
P Equivalent pull-down current
VIN = VIL
10
—
µA
VIN = VIH
—130
IIL
P
Input leakage current
(all bidirectional ports)
TA = –40 to 125 °C
–1
1
µA
IIL
P
Input leakage current
(all ADC input-only ports)
TA = –40 to 125 °C
–0.5
0.5
µA
CIN
D Input capacitance
—
—
10
pF
IPU
D RESET, equivalent pull-up current
VIN = VIL
–130
—
µA
VIN = VIH
—–10
IPD
D
RESET, equivalent pull-down
current
VIN = VIL
10
—
µA
VIN = VIH
—130
1. “SR” parameter values must not exceed the absolute maximum ratings shown in Table 9.
Table 20. DC electrical characteristics (5.0 V, NVUSRO[PAD3V5V]=0) (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com