Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54x Datasheet(PDF) 31 Page - STMicroelectronics

Part # SPC56AP54x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54x Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SPC56AP54x Datasheet HTML 27Page - STMicroelectronics SPC56AP54x Datasheet HTML 28Page - STMicroelectronics SPC56AP54x Datasheet HTML 29Page - STMicroelectronics SPC56AP54x Datasheet HTML 30Page - STMicroelectronics SPC56AP54x Datasheet HTML 31Page - STMicroelectronics SPC56AP54x Datasheet HTML 32Page - STMicroelectronics SPC56AP54x Datasheet HTML 33Page - STMicroelectronics SPC56AP54x Datasheet HTML 34Page - STMicroelectronics SPC56AP54x Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 105 page
background image
DocID18340 Rev 6
31/105
SPC56xP54x, SPC56xP60x
Package pinouts and signal descriptions
104
2.2.2
System pins
Table 6 and Table 7 contain information on pin functions for the SPC56xP54x/SPC56xP60x
devices. The pins listed in Table 6 are single-function pins. The pins shown in Table 7 are
multi-function pins, programmable via their respective Pad Configuration Register (PCR)
values.
VSS_LV_COR0
1.2 V Decoupling pins for core logic GND. Decoupling capacitor
must be connected between these pins and the nearest
VDD_LV_COR0 pin.
11
17
25
VDD_LV_COR1
1.2 V Decoupling pins for core logic supply. Decoupling capacitor
must be connected between these pins and the nearest
VSS_LV_COR1 pin.
65
93
117
VSS_LV_COR1
1.2 V Decoupling pins for core logic GND. Decoupling capacitor
must be connected between these pins and the nearest
VDD_LV_COR1 pin.
66
94
118
VDD_LV_COR2
1.2 V Decoupling pins for core logic supply. Decoupling capacitor
must be connected between these pins and the nearest
VSS_LV_COR2 pin.
92
131
155
VSS_LV_COR2
1.2 V Decoupling pins for core logic GND. Decoupling capacitor
must be connected between these pins and the nearest
VDD_LV_COR 2 pin.
93
132
156
VDD_LV_COR3
1.2 V Decoupling pins for core logic supply. Decoupling capacitor
must be connected between these pins and the nearest
VSS_LV_COR3 pin.
25
36
44
VSS_LV_COR3
1.2 V Decoupling pins for core logic GND. Decoupling capacitor
must be connected between these pins and the nearest
VDD_LV_COR 3 pin.
24
35
43
1. LQFP176 available only as development package.
2. See datasheet Voltage Regulator Electrical Characteristics section for more details.
Table 5. Supply pins (continued)
Supply
Pin
Symbol
Description
LQFP
100
LQFP
144
LQFP
176(1)
Table 6. System pins
Symbol
Description
Direction
Pad Speed(1)
Pin
SRC=0 SRC=1
LQFP
100
LQFP
144
LQFP
176(2)
Dedicated pins
MDO0
Nexus Message Data Output—line 0
Output
Only
Fast
—
9
17
MDO4
Nexus Message Data Output—line 4
Output
Only
Fast
—
—
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com