Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54x Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPC56AP54x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54x Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPC56AP54x Datasheet HTML 20Page - STMicroelectronics SPC56AP54x Datasheet HTML 21Page - STMicroelectronics SPC56AP54x Datasheet HTML 22Page - STMicroelectronics SPC56AP54x Datasheet HTML 23Page - STMicroelectronics SPC56AP54x Datasheet HTML 24Page - STMicroelectronics SPC56AP54x Datasheet HTML 25Page - STMicroelectronics SPC56AP54x Datasheet HTML 26Page - STMicroelectronics SPC56AP54x Datasheet HTML 27Page - STMicroelectronics SPC56AP54x Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 105 page
background image
Introduction
SPC56xP54x, SPC56xP60x
24/105
DocID18340 Rev 6
1.5.24
Analog-to-digital converter (ADC)
The ADC module provides the following features:
Analog part:
1 on-chip analog-to-digital converter
10-bit AD resolution
1 sample and hold unit per ADC
Conversion time, including sampling time, less than 1
s (at full precision)
Typical sampling time is 150 ns min. (at full precision)
Differential non-linearity error (DNL) ±1 LSB
Integral non-linearity error (INL) ±1.5 LSB
Total unadjusted error (TUE) <3 LSB
Single-ended input signal range from 0 to 3.3 V / 5.0 V
ADC and its reference can be supplied with a voltage independent from VDDIO
ADC supply can be equal or higher than VDDIO
ADC supply and the ADC reference are not independent from each other (they are
internally bonded to the same pad)
Sample times of 2 (default), 8, 64, or 128 ADC clock cycles
Digital part:
27 input channels (26 + 1 internally connected)
4 analog watchdogs to compare ADC results against predefined levels (low, high,
range) before results are stored
2 operating modes: Normal mode and CTU control mode
Normal mode features
–
Register-based interface with the CPU: control register, status register, 1 result
register per channel
–
ADC state machine managing 3 request flows: regular command, hardware
injected command, and software injected command
–
Selectable priority between software and hardware injected commands
–DMA compatible interface
CTU control mode features
–
Triggered mode only
–
4 independent result queues (2 × 16 entries, 2 × 4 entries)
–
Result alignment circuitry (left justified; right justified)
–
32-bit read mode allows to have channel ID on one of the 16-bit part
–DMA compatible interfaces
1.5.25
Cross triggering unit (CTU)
The Cross Triggering Unit (CTU) allows automatic generation of ADC conversion requests
on user selected conditions with minimized CPU load for dynamic configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com