Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54x Datasheet(PDF) 30 Page - STMicroelectronics

Part # SPC56AP54x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54x Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SPC56AP54x Datasheet HTML 26Page - STMicroelectronics SPC56AP54x Datasheet HTML 27Page - STMicroelectronics SPC56AP54x Datasheet HTML 28Page - STMicroelectronics SPC56AP54x Datasheet HTML 29Page - STMicroelectronics SPC56AP54x Datasheet HTML 30Page - STMicroelectronics SPC56AP54x Datasheet HTML 31Page - STMicroelectronics SPC56AP54x Datasheet HTML 32Page - STMicroelectronics SPC56AP54x Datasheet HTML 33Page - STMicroelectronics SPC56AP54x Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 105 page
background image
Package pinouts and signal descriptions
SPC56xP54x, SPC56xP60x
30/105
DocID18340 Rev 6
VDD_HV_REG (3.3 V or
5.0 V)
Voltage regulator supply voltage
50
72
86
VDD_LV_REGCOR
1.2 V decoupling(2) pins for core logic supply and voltage
regulator feedback. Decoupling capacitor must be connected
between this pins and VSS_LV_REGCOR.
48
70
82
VSS_LV_REGCOR
1.2 V decoupling(2) pins for core logic GND and voltage regulator
feedback. Decoupling capacitor must be connected between this
pins and VDD_LV_REGCOR.
49
71
85
ADC0 reference and supply voltage
VDD_HV_AD
ADC supply and high reference voltage
39
56
64
VSS_HV_AD
ADC ground and low reference voltage
40
57
65
Power supply pins (3.3 V or 5.0 V)
VDD_HV_IO0
Input/Output supply voltage
—
6
14
VSS_HV_IO0
Input/Output ground
—
7
15
VDD_HV_IO1
Input/Output supply voltage
13
21
29
VSS_HV_IO1
Input/Output ground
14
22
30
VDD_HV_IO2
Input/Output supply voltage
63
91
115
VSS_HV_IO2
Input/Output ground
62
90
114
VDD_HV_IO3
Input/Output supply voltage
87
126
150
VSS_HV_IO3
Input/Output ground
88
127
151
VDD_HV_IO4
Input/Output supply voltage
—
—
169
VSS_HV_IO4
Input/Output ground
—
—
170
VDD_HV_IO5
Input/Output supply voltage
—
—
5
VSS_HV_IO5
Input/Output ground
—
—
6
VDD_HV_IO6
Input/Output supply voltage
—
—
108
VSS_HV_IO6
Input/Output ground
—
—
109
VDD_HV_FL
Code and data flash supply voltage
69
97
121
VSS_HV_FL
Code and data flash supply ground
68
96
120
VDD_HV_OSC
Crystal oscillator amplifier supply voltage
16
27
35
VSS_HV_OSC
Crystal oscillator amplifier ground
17
28
36
Power supply pins (1.2 V)
VDD_LV_COR0
1.2 V Decoupling pins for core logic supply. Decoupling capacitor
must be connected between these pins and the nearest
VSS_LV_COR0 pin.
12
18
26
Table 5. Supply pins (continued)
Supply
Pin
Symbol
Description
LQFP
100
LQFP
144
LQFP
176(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com