Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54x Datasheet(PDF) 26 Page - STMicroelectronics

Part # SPC56AP54x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54x Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SPC56AP54x Datasheet HTML 22Page - STMicroelectronics SPC56AP54x Datasheet HTML 23Page - STMicroelectronics SPC56AP54x Datasheet HTML 24Page - STMicroelectronics SPC56AP54x Datasheet HTML 25Page - STMicroelectronics SPC56AP54x Datasheet HTML 26Page - STMicroelectronics SPC56AP54x Datasheet HTML 27Page - STMicroelectronics SPC56AP54x Datasheet HTML 28Page - STMicroelectronics SPC56AP54x Datasheet HTML 29Page - STMicroelectronics SPC56AP54x Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 105 page
background image
Introduction
SPC56xP54x, SPC56xP60x
26/105
DocID18340 Rev 6
–
Watchpoint triggering, watchpoint triggers program tracing
–DDR
Auxiliary Output Port
–
4 MDO (Message Data Out) pins
–
MCKO (Message Clock Out) pin
–2 MSEO (Message Start/End Out) pins
–
EVTO (Event Out) pin
Auxiliary Input Port
–
EVTI (Event In) pin(a)
1.5.28
IEEE 1149.1 (JTAG) controller
The JTAG controller (JTAGC) block provides the means to test chip functionality and
connectivity while remaining transparent to system logic when not in test mode. All data
input to and output from the JTAGC block is communicated in serial format. The JTAGC
block is compliant with the IEEE standard.
The JTAG controller provides the following features:
IEEE Test Access Port (TAP) interface with four pins (TDI, TMS, TCK, TDO)
Selectable modes of operation include JTAGC/debug or normal system operation.
A 5-bit instruction register that supports the following IEEE 1149.1-2001 defined
instructions:
–
BYPASS, IDCODE, EXTEST, SAMPLE, SAMPLE/PRELOAD
A 5-bit instruction register that supports the additional following public instructions:
–
ACCESS_AUX_TAP_NPC, ACCESS_AUX_TAP_CORE0,
ACCESS_AUX_TAP_CORE1, ACCESS_AUX_TAP_NASPS_0,
ACCESS_AUX_TAP_NASPS_1
Three test data registers: a bypass register, a boundary scan register, and a device
identification register.
A TAP controller state machine that controls the operation of the data registers,
instruction register and associated circuitry.
1.5.29
On-chip voltage regulator (VREG)
The on-chip voltage regulator module provides the following features:
Uses external NPN transistor
Regulates external 3.3 V to 5.0 V down to 1.2 V for the core logic
Low voltage detection on the internal 1.2 V and I/O voltage 3.3 V
a. At least one TCK clock is necessary for the EVTI signal to be recognized by the MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com