Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC56AP54x Datasheet(PDF) 104 Page - STMicroelectronics

Part # SPC56AP54x
Description  32-bit Power Architecture® based MCU with 1088KB Flash memory and 80KB RAM for automotive chassis and safety applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP54x Datasheet(HTML) 104 Page - STMicroelectronics

Back Button SPC56AP54x Datasheet HTML 97Page - STMicroelectronics SPC56AP54x Datasheet HTML 98Page - STMicroelectronics SPC56AP54x Datasheet HTML 99Page - STMicroelectronics SPC56AP54x Datasheet HTML 100Page - STMicroelectronics SPC56AP54x Datasheet HTML 101Page - STMicroelectronics SPC56AP54x Datasheet HTML 102Page - STMicroelectronics SPC56AP54x Datasheet HTML 103Page - STMicroelectronics SPC56AP54x Datasheet HTML 104Page - STMicroelectronics SPC56AP54x Datasheet HTML 105Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 104 / 105 page
background image
Revision history
SPC56xP54x, SPC56xP60x
104/105
DocID18340 Rev 6
21-Nov-2012
4
In the cover page, replaced “64 MHz, dual issue, 32-bit CPU core
complex” with “64 MHz, single issue, 32-bit CPU core complex”
Table 9: Absolute maximum ratings, updated TVDD entry
Table 22: DC electrical characteristics (3.3 V, NVUSRO[PAD3V5V]=1):
Updated conditions value of VOL_F to 11 mA
Updated conditions value of VOH_F to – 11 mA
Table 24: Peripherals supply current (5 V and 3.3 V):
Replaced all occurrences of IDD_BV in this table with IDD_HV
Replaced all occurrences of VDD_BV in this table with
VDD_HV_REG.
Figure 40: Ordering information scheme, fixed typo in the footnote.
18-Sep-2013
5
Updated Disclaimer.
15-Jun-2016
6
Added “AEC-Q10x qualified” in Features section.
In Table 2: SPC56xP54x/SPC56xP60x device comparison added
footnote “LinFlex_1 is Master Only.” related to row “LINFlex modules”
Updated Table 3: SPC56xP54x/SPC56xP60x device configuration
difference
Figure 2: LQFP176 pinout (top view):
– Changed PB[4] to TDO
– Changed PB[5] to TDI
– Changed pins 71,72 to NC
– Changed pins 87,88 to NC
In Section 1.5.27: Nexus development interface (NDI), added note “At
least one TCK clock is necessary for the EVTI signal to be
recognized by the MCU.” for EVTI pin.
In Table 7: Pin muxing:
– Replaced “PCR register” with “PCR No.”
– Updated “CS3” with “CS3_4” function related to A[2] port pin
– In column “I/O direction”, added “O” for “DSPI_1” peripheral
– In “Functions” column related to D[12] port pin, changed DS7_1 to
CS7_1
Table 44. Document revision history (continued)
Date
Revision
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com