Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20HTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L3GD20HTR
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20HTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L3GD20HTR Datasheet HTML 9Page - STMicroelectronics L3GD20HTR Datasheet HTML 10Page - STMicroelectronics L3GD20HTR Datasheet HTML 11Page - STMicroelectronics L3GD20HTR Datasheet HTML 12Page - STMicroelectronics L3GD20HTR Datasheet HTML 13Page - STMicroelectronics L3GD20HTR Datasheet HTML 14Page - STMicroelectronics L3GD20HTR Datasheet HTML 15Page - STMicroelectronics L3GD20HTR Datasheet HTML 16Page - STMicroelectronics L3GD20HTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
DocID023469 Rev 2
13/52
L3GD20H
Mechanical and electrical specifications
2.4
Communication interface characteristics
2.4.1
SPI - serial peripheral interface
Subject to general operating conditions for Vdd and Top.
Figure 3. SPI slave timing diagram(d)
Table 6. SPI slave timing values
Symbol
Parameter
Value(1)
Unit
Min.
Max.
tc(SPC)
SPI clock cycle
100
ns
fc(SPC)
SPI clock frequency
10
MHz
tsu(CS)
CS setup time
5
ns
th(CS)
CS hold time
20
tsu(SI)
SDI input setup time
5
th(SI)
SDI input hold time
15
tv(SO)
SDO valid output time
50
th(SO)
SDO output hold time
5
tdis(SO)
SDO output disable time
50
1.
Values are guaranteed at 10 MHz clock frequency for SPI with both 4 and 3 wires, based on characterization results, not
tested in production.
d.
Measurement points are done at 0.2· Vdd_IO and 0.8· Vdd_IO, for both Input and Output port.
SPC
CS
SDI
SDO
tsu(CS)
tv(SO)
th(SO)
th(SI)
tsu(SI)
th(CS)
tdis(SO)
tc(SPC)
MSBIN
MSBOUT
LSBOUT
LSBIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com