Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20HTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # L3GD20HTR
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20HTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L3GD20HTR Datasheet HTML 14Page - STMicroelectronics L3GD20HTR Datasheet HTML 15Page - STMicroelectronics L3GD20HTR Datasheet HTML 16Page - STMicroelectronics L3GD20HTR Datasheet HTML 17Page - STMicroelectronics L3GD20HTR Datasheet HTML 18Page - STMicroelectronics L3GD20HTR Datasheet HTML 19Page - STMicroelectronics L3GD20HTR Datasheet HTML 20Page - STMicroelectronics L3GD20HTR Datasheet HTML 21Page - STMicroelectronics L3GD20HTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Digital main blocks
L3GD20H
18/52
DocID023469 Rev 2
4
Digital main blocks
4.1
Block diagram
Figure 6. Block diagram
4.2
FIFO
L3GD20H embeds 32 slots of 16-bit data FIFO for each of the three output channels: yaw,
pitch and roll. This allows consistent power saving for the system, since the host processor
does not need to continuously poll data from the sensor, but it can wakeup only when
needed and burst the significant data out from the FIFO. This buffer can work accordingly to
seven different modes: Bypass mode, FIFO-mode, Stream mode, Stream-to-FIFO mode,
Bypass-to-Stream, Dynamic-Stream, Bypass-to-FIFO. Each mode is selected by the FM2:0
bits in FIFO_CTRL register. Programmable FIFO threshold level, FIFO empty or FIFO
overrun events are available on FIFO_SRC register and can be set to generate dedicated
interrupts on DRDY/INT2 pin.
FIFO_SRC(EMPTY) is equal to '1' when no samples are available.
FIFO_SRC(FTH) goes to '1' if a new data arrives and FIFO_SRC(FSS4:0) is greater than or
equal
to FIFO Threshold configured to FTH4:0 into FIFO_CTRL (2Eh). FIFO_SRC(FTH)
goes to '0' if reading Yaw, Pitch and Roll data slot from FIFO and FIFO_SRC(FSS4:0) is
minor than or equal to FIFO_CTRL(FTH4:0).
ADC
LPF1
HPF
0
1
HPen
LPF2
10
11
01
00
Out_Sel
DataReg
00
11
10
01
Interrupt
generator
INT_Sel
I2C
SPI
INT1
SCR REG
CONF REG
FIFO
32x16x3
AM07230v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com