Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20HTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # L3GD20HTR
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20HTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L3GD20HTR Datasheet HTML 15Page - STMicroelectronics L3GD20HTR Datasheet HTML 16Page - STMicroelectronics L3GD20HTR Datasheet HTML 17Page - STMicroelectronics L3GD20HTR Datasheet HTML 18Page - STMicroelectronics L3GD20HTR Datasheet HTML 19Page - STMicroelectronics L3GD20HTR Datasheet HTML 20Page - STMicroelectronics L3GD20HTR Datasheet HTML 21Page - STMicroelectronics L3GD20HTR Datasheet HTML 22Page - STMicroelectronics L3GD20HTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
DocID023469 Rev 2
19/52
L3GD20H
Digital main blocks
FIFO_SRC(OVRN) is equal to '1' if a FIFO slot is overwritten.
FIFO feature is enabled writing to '1' CTRL5(FIFO_EN).
To guarantee the switching into and out of FIFO mode discard the first sample aquired.
4.2.1
Bypass mode
In bypass mode (FIFO_CTRL(FM2:0) = 000), the FIFO is not operational and it remains
empty.
Bypass mode is also used to reset the FIFO when in FIFO-mode.
As described in the next figure, for each channel only the first address is used. When a new
data is available the old one is overwritten.
Figure 7. Bypass mode
4.2.2
FIFO mode
In FIFO mode (FIFO_CTRL(FM2:0) = 001)
data from Yaw, Pitch and Roll channels are
stored into the FIFO until it is full.
To reset FIFO content Bypass mode should be written in FIFO_CTRL(FM2:0) '000' value.
After this reset command it is possible to restart FIFO mode writing FIFO_CTRL(FM2:0) the
value '001'.
FIFO buffer can memorize 32 Yaw, Pitch and Roll data, but the depth of the FIFO can be
reduced by means of CTRL5(StopOnFTH) bit setting to '1' StopOnFTH bit, FIFO depth is
limited to FIFO_CTRL(FTH4:0) - 1.
A FIFO Threshold interrupt can be enabled (INT2_ORun bit into CTRL3 (22h)) in order to be
raised when the FIFO is filled to the level specified into the FTH4:0 bits of FIFO_CTRL
(2Eh). When FIFO Threshold interrupt occurs, the first data has been overwritten and the
FIFO stops collecting data from the input channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com