Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20HTR Datasheet(PDF) 27 Page - STMicroelectronics

Part # L3GD20HTR
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20HTR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L3GD20HTR Datasheet HTML 23Page - STMicroelectronics L3GD20HTR Datasheet HTML 24Page - STMicroelectronics L3GD20HTR Datasheet HTML 25Page - STMicroelectronics L3GD20HTR Datasheet HTML 26Page - STMicroelectronics L3GD20HTR Datasheet HTML 27Page - STMicroelectronics L3GD20HTR Datasheet HTML 28Page - STMicroelectronics L3GD20HTR Datasheet HTML 29Page - STMicroelectronics L3GD20HTR Datasheet HTML 30Page - STMicroelectronics L3GD20HTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
DocID023469 Rev 2
27/52
L3GD20H
Digital interfaces
5
Digital interfaces
The registers embedded inside the L3GD20H may be accessed through both the I
2
C and
SPI serial interfaces. The latter may be SW configured to operate either in 3-wire or 4-wire
interface mode.
The serial interfaces are mapped onto the same pins. To select/exploit the I
2
C interface, CS
line must be tied high (i.e connected to Vdd_IO).
5.1
I2C serial interface
The L3GD20H I
2
C is a bus slave. The I
2
C is employed to write data into registers whose
content can also be read back.
The relevant I
2
C terminology is given in the table below.
There are two signals associated with the I
2
C bus: the serial clock line (SCL) and the serial
data line (SDA). The latter is a bidirectional line used for sending and receiving the data
to/from the interface. Both the lines must be connected to Vdd_IO through external pull-up
resistor. When the bus is free both the lines are high.
The I
2
C interface is compliant with fast mode (400 kHz) I
2
C standards as well as with the
normal mode.
Table 10. Serial interface pin description
Pin name
Pin description
CS
SPI enable
I
2
C/SPI mode selection (1: I
2
C mode; 0: SPI enabled)
SCL/SPC
I
2
C Serial Clock (SCL)
SPI Serial Port Clock (SPC)
SDA/SDI/SDO
I
2
C Serial Data (SDA)
SPI Serial Data Input (SDI)
3-wire Interface Serial Data Output (SDO)
SDO/SA0
SPI Serial Data Output (SDO)
I
2
C less significant bit of the device address
Table 11. I2C terminology
Term
Description
Transmitter
The device which sends data to the bus
Receiver
The device which receives data from the bus
Master
The device which initiates a transfer, generates clock signals and terminates a
transfer
Slave
The device addressed by the master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com