Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20HTR Datasheet(PDF) 46 Page - STMicroelectronics

Part # L3GD20HTR
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20HTR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L3GD20HTR Datasheet HTML 42Page - STMicroelectronics L3GD20HTR Datasheet HTML 43Page - STMicroelectronics L3GD20HTR Datasheet HTML 44Page - STMicroelectronics L3GD20HTR Datasheet HTML 45Page - STMicroelectronics L3GD20HTR Datasheet HTML 46Page - STMicroelectronics L3GD20HTR Datasheet HTML 47Page - STMicroelectronics L3GD20HTR Datasheet HTML 48Page - STMicroelectronics L3GD20HTR Datasheet HTML 49Page - STMicroelectronics L3GD20HTR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Register description
L3GD20H
46/52
DocID023469 Rev 2
7.20
IG_THS_YL (35h)
7.21
IG_THS_ZH (36h)
7.22
IG_THS_ZL (37h)
7.23
IG_DURATION (38h)
D6 - D0 bits set the minimum duration of the Interrupt event to be recognized. Duration
steps and maximum values depend on the ODR chosen.
Table 54. IG_THS_YL register
THSY7
THSY6
THSY5
THSY4
THSY3
THSY2
THSY1
THSY0
Table 55. IG_THS_YL description
THSY7 - THSY0
Interrupt threshold on Y axis. Default value: 0000 0000
Table 56. IG_THS_ZH register
-
THSZ14
THSZ13
THSZ12
THSZ11
THSZ10
THSZ9
THSZ8
Table 57. IG_THS_ZH description
THSZ14 - THSZ8
Interrupt threshold on Z axis. Default value: 000 0000
Table 58. IG_THS_ZL register
THSZ7
THSZ6
THSZ5
THSZ4
THSZ3
THSZ2
THSZ1
THSZ0
Table 59. IG_THS_ZL description
THSZ7 - THSZ0
Interrupt threshold on Z axis. Default value: 0000 0000
Table 60. IG_DURATION register
WAIT
D6
D5
D4
D3
D2
D1
D0
Table 61. IG_DURATION description
WAIT
WAIT enable. Default value: 0 (0: disable; 1: enable)
D6 - D0
Duration value. Default value: 000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com