Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20HTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L3GD20HTR
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20HTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L3GD20HTR Datasheet HTML 20Page - STMicroelectronics L3GD20HTR Datasheet HTML 21Page - STMicroelectronics L3GD20HTR Datasheet HTML 22Page - STMicroelectronics L3GD20HTR Datasheet HTML 23Page - STMicroelectronics L3GD20HTR Datasheet HTML 24Page - STMicroelectronics L3GD20HTR Datasheet HTML 25Page - STMicroelectronics L3GD20HTR Datasheet HTML 26Page - STMicroelectronics L3GD20HTR Datasheet HTML 27Page - STMicroelectronics L3GD20HTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
Digital main blocks
L3GD20H
24/52
DocID023469 Rev 2
4.2.6
Bypass-to-FIFO mode
In bypass-to-FIFO mode (FIFO_CTRL(FM2:0) = '111', FIFO behavior changes according to
IG_SRC(IA) bit. When IG_SRC(IA) bit is equal to '1' FIFO operates in FIFO-mode, when
IG_SRC(IA) bit is equal to '0' FIFO operates in bypass mode (FIFO content reset). If a
latched interrupt is generated FIFO starts collecting data until the first data into the FIFO-
buffer is overwritten. Interrupt generator
should be set to the desired configuration by
means of IG_CFG, IG_THS_XH, IG_THS_XL, IG_THS_YH, IG_THS_YL, IG_THS_ZH and
IG_THS_ZL.
IG_CFG (LIR) bit should be put to '1' in order to have latched interrupt.
4.2.7
Retrieve data from FIFO
FIFO data is read through OUT_X_L and OUT_X_H (Addr reg 28h and 29h), OUT_Y_L
OUT_Y_H (Addr reg 2Ah and 2Bh) and OUT_Z_L and OUT_Z_H (Addr reg 2Ch and 2Dh)
registers. A read operation by means of serial interface of OUT_X, OUT_Y or OUT_Z output
registers provides the data stored into the FIFO. Each time data is read from the FIFO, the
oldest X, Y and Z data are placed into the OUT_X, OUT_Y and OUT_Z registers and both
single read and read_burst operations can be used.
4.2.8
FIFO multiple read (burst)
Starting from the Addr 28h multiple read can be performed. Once the reading reaches the
Addr 2Dh the system automatically restarts from the Addr. 28h.
Figure 14. FIFO multiple read
x,y,z
OUT_Z
Read #1
(2A-2B)
(2C-2D)
OUT_Y
(28-29)
OUT_X
x,y,z
Read #n
OUT_Z
(2A-2B)
(2C-2D)
OUT_Y
(28-29)
OUT_X
GAMS290120131638FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com