Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20HTR Datasheet(PDF) 48 Page - STMicroelectronics

Part # L3GD20HTR
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20HTR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L3GD20HTR Datasheet HTML 44Page - STMicroelectronics L3GD20HTR Datasheet HTML 45Page - STMicroelectronics L3GD20HTR Datasheet HTML 46Page - STMicroelectronics L3GD20HTR Datasheet HTML 47Page - STMicroelectronics L3GD20HTR Datasheet HTML 48Page - STMicroelectronics L3GD20HTR Datasheet HTML 49Page - STMicroelectronics L3GD20HTR Datasheet HTML 50Page - STMicroelectronics L3GD20HTR Datasheet HTML 51Page - STMicroelectronics L3GD20HTR Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
Register description
L3GD20H
48/52
DocID023469 Rev 2
7.24
LOW_ODR (39h)
Table 62. LOW_ODR register
--
--
DRDY_HL
0
(1)
1.
These bits must be set to ‘0’ for proper working of the device.
I2C_dis
SW_RES
0
(1)
Low_ODR
Table 63. LOW_ODR description
DRDY_HL
DRDY/INT2 pin active level. Default value: 0
0 = DRDY active high
1 = DRDY active low
I2C_dis
0 = both the I2C and SPI interfaces enabled (default)
1 = SPI only
SW_RES
Software reset. Default value: 0
0 = Normal Mode
1 = Reset Device (this bit is cleared by hardware after next flash boot)
Low_ODR
Low speed ODR. Default value: 0
Refer to
Table 21 DR and BW configuration setting: for ODR and
Bandwidth configuration on CTRL1 register
0 = Low Speed ODR disabled
1 = Low Speed ODR enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com