Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20HTR Datasheet(PDF) 26 Page - STMicroelectronics

Part # L3GD20HTR
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20HTR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L3GD20HTR Datasheet HTML 22Page - STMicroelectronics L3GD20HTR Datasheet HTML 23Page - STMicroelectronics L3GD20HTR Datasheet HTML 24Page - STMicroelectronics L3GD20HTR Datasheet HTML 25Page - STMicroelectronics L3GD20HTR Datasheet HTML 26Page - STMicroelectronics L3GD20HTR Datasheet HTML 27Page - STMicroelectronics L3GD20HTR Datasheet HTML 28Page - STMicroelectronics L3GD20HTR Datasheet HTML 29Page - STMicroelectronics L3GD20HTR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
Digital main blocks
L3GD20H
26/52
DocID023469 Rev 2
Once enabled, FIFO is filled with the Pitch, Roll and Yaw data on the rising edge of DEN
input signal. When ODR selected is 800 Hz, maximum DEN sample frequency is
f
DEN
=1/T
DEN
= 400 Hz.
Figure 16. Edge-sensitive trigger
4.3.3
Impulse sensitive trigger
Impulse sensitive trigger can be enabled by setting to ‘1’ LVLen bit into CTRL2 (21h) and
IMPen bit into CTRL4 (23h) while the EXTRen bit into CTRL2 (21h) has to be set to ‘0’.
If the duration of the DEN pulse is shorter than the selected ODR, the Impulse sensitive
trigger functionality has to be enabled.
GAMS310120131026FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com