Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20HTR Datasheet(PDF) 38 Page - STMicroelectronics

Part # L3GD20HTR
Description  MEMS motion sensor: three-axis digital output gyroscope
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3GD20HTR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L3GD20HTR Datasheet HTML 34Page - STMicroelectronics L3GD20HTR Datasheet HTML 35Page - STMicroelectronics L3GD20HTR Datasheet HTML 36Page - STMicroelectronics L3GD20HTR Datasheet HTML 37Page - STMicroelectronics L3GD20HTR Datasheet HTML 38Page - STMicroelectronics L3GD20HTR Datasheet HTML 39Page - STMicroelectronics L3GD20HTR Datasheet HTML 40Page - STMicroelectronics L3GD20HTR Datasheet HTML 41Page - STMicroelectronics L3GD20HTR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Register description
L3GD20H
38/52
DocID023469 Rev 2
7.3
CTRL2 (21h)
Table 22. Power mode selection configuration
Mode
PD
Zen
Yen
Xen
Power down
0
-
-
-
Normal
1
-
-
-
Sleep
1
0
0
0
Table 23. CTRL2 register
EXTRen
LVLen
HPM1
HPM0
HPCF3
HPCF2
HPCF1
HPCF0
Table 24. CTRL2 description
EXTRen
Edge sensitive trigger Enable: Default value: 0
(0: external trigger disabled; 1: External trigger enabled)
LVLen
Level sensitive trigger Enable: Default value: 0
(0: level sensitive trigger disabled; 1: level sensitive trigger enabled)
HPM1-
HPM0
High Pass filter Mode Selection. Default value: 00
Refer to
Table 25
HPCF3-
HPCF0
High Pass filter Cut Off frequency selection. Default value: 0000
Refer to
Table 26
Table 25. High pass filter mode configuration
HPM1
HPM0
High pass filter mode
0
0
Normal mode (reset reading REFERENCE 25h register)
0
1
Reference signal for filtering
10Normal mode
1
1
Autoreset on interrupt event
Table 26. High pass filter cut off frequency configuration [Hz](1)
HPCF3-0
ODR=12.5
Hz
ODR=25
Hz
ODR=50
Hz
ODR =100
Hz
ODR =200
Hz
ODR =400
Hz
ODR =800
Hz
0000
1
24
815
30
56
0001
0.5
1
2
4
8
15
30
0010
0.2
0.5
1
2
4
8
15
0011
0.1
0.2
0.5
1
2
4
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com