Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C752B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SC16C752B Datasheet HTML 4Page - NXP Semiconductors SC16C752B Datasheet HTML 5Page - NXP Semiconductors SC16C752B Datasheet HTML 6Page - NXP Semiconductors SC16C752B Datasheet HTML 7Page - NXP Semiconductors SC16C752B Datasheet HTML 8Page - NXP Semiconductors SC16C752B Datasheet HTML 9Page - NXP Semiconductors SC16C752B Datasheet HTML 10Page - NXP Semiconductors SC16C752B Datasheet HTML 11Page - NXP Semiconductors SC16C752B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
8 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.2.1
Auto-RTS
Auto-RTS data flow control originates in the receiver block (see Figure 1 “Block
diagram.” on page 3). Figure 5 shows RTS functional timing. The receiver FIFO
trigger levels used in Auto-RTS are stored in the TCR. RTS is active if the RX FIFO
level is below the halt trigger level in TCR[3:0]. When the receiver FIFO halt trigger
level is reached, RTS is deasserted. The sending device (e.g., another UART) may
send an additional byte after the trigger level is reached (assuming the sending UART
has another byte to send) because it may not recognize the deassertion of RTS until
it has begun sending the additional byte. RTS is automatically reasserted once the
receiver FIFO reaches the resume trigger level programmed via TCR[7:4]. This
reassertion allows the sending device to resume transmission.
Fig 4.
Autoflow control (Auto-RTS and Auto-CTS) example.
RX
FIFO
FLOW
CONTROL
TX
FIFO
PARALLEL
TO SERIAL
TX
FIFO
RX
FIFO
UART 1
UART 2
D7 to D0
RX
TX
RTS
CTS
TX
RX
CTS
RTS
D7 to D0
002aaa228
SERIAL TO
PARALLEL
SERIAL TO
PARALLEL
FLOW
CONTROL
FLOW
CONTROL
FLOW
CONTROL
PARALLEL
TO SERIAL
(1) N = receiver FIFO trigger level.
(2) The two blocks in dashed lines cover the case where an additional byte is sent, as described in Section 6.2.1.
Fig 5.
RTS functional timing.
Start
byte N
Start
byte N
+ 1
Start
Stop
Stop
RX
RTS
IOR
N
N+1
12
002aaa226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com