Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C752B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 3 Page - NXP Semiconductors

  SC16C752B Datasheet HTML 1Page - NXP Semiconductors SC16C752B Datasheet HTML 2Page - NXP Semiconductors SC16C752B Datasheet HTML 3Page - NXP Semiconductors SC16C752B Datasheet HTML 4Page - NXP Semiconductors SC16C752B Datasheet HTML 5Page - NXP Semiconductors SC16C752B Datasheet HTML 6Page - NXP Semiconductors SC16C752B Datasheet HTML 7Page - NXP Semiconductors SC16C752B Datasheet HTML 8Page - NXP Semiconductors SC16C752B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
3 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
4.
Block diagram
Fig 1.
Block diagram.
TRANSMIT
FIFO
REGISTER
TXA, TXB
RECEIVE
SHIFT
REGISTER
RECEIVE
FIFO
REGISTER
RXA, RXB
SC16C752B
TRANSMIT
SHIFT
REGISTER
MODEM
CONTROL
LOGIC
DTRA, DTRB
RTSA, RTSB
OPA, OPB
CLOCK AND
BAUD RATE
GENERATOR
CTSA, CTSB
RIA, RIB
CDA, CDB
DSRA, DSRB
XTAL2
XTAL1
DATA BUS
AND
CONTROL LOGIC
D0–D7
IOR
IOW
RESET
A0–A2
CSA
CSB
REGISTER
SELECT
LOGIC
INTA, INTB
TXRDYA , TXRDYB
RXRDYA , RXRDYB
INTERRUPT
CONTROL
LOGIC
002aaa600
FLOW
CONTROL
LOGIC
FLOW
CONTROL
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com