Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C752B Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SC16C752B Datasheet HTML 35Page - NXP Semiconductors SC16C752B Datasheet HTML 36Page - NXP Semiconductors SC16C752B Datasheet HTML 37Page - NXP Semiconductors SC16C752B Datasheet HTML 38Page - NXP Semiconductors SC16C752B Datasheet HTML 39Page - NXP Semiconductors SC16C752B Datasheet HTML 40Page - NXP Semiconductors SC16C752B Datasheet HTML 41Page - NXP Semiconductors SC16C752B Datasheet HTML 42Page - NXP Semiconductors SC16C752B Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
39 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 21. Transmit timing.
D0
D1
D2
D3
D4
D5
D6
D7
active
TX ready
active
16 baud rate clock
002aaa242
td14
Start
bit
td12
TXA, TXB
INTA, INTB
IOW
data bits (0 to 7)
active
td13
5 data bits
6 data bits
7 data bits
parity
bit
Stop
bit
next
data
Start
bit
Fig 22. Transmit ready timing in non-FIFO mode.
D0
D1
D2
D3
D4
D5
D6
D7
TRANSMITTER
NOT READY
002aaa243
NEXT
DATA
START
BIT
STOP
BIT
PARITY
BIT
START
BIT
td17
TXA,
TXB
TXRDYA,
TXRDYB
IOW
DATA BITS (5-8)
ACTIVE
D0–D7
BYTE #1
ACTIVE
TRANSMITTER READY
td18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com