Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C752B Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SC16C752B Datasheet HTML 15Page - NXP Semiconductors SC16C752B Datasheet HTML 16Page - NXP Semiconductors SC16C752B Datasheet HTML 17Page - NXP Semiconductors SC16C752B Datasheet HTML 18Page - NXP Semiconductors SC16C752B Datasheet HTML 19Page - NXP Semiconductors SC16C752B Datasheet HTML 20Page - NXP Semiconductors SC16C752B Datasheet HTML 21Page - NXP Semiconductors SC16C752B Datasheet HTML 22Page - NXP Semiconductors SC16C752B Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
19 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.
Register descriptions
Each register is selected using address lines A0, A1, A2, and in some cases, bits
from other registers. The programming combinations for register selection are shown
in Table 9.
[1]
MCR[7] can only be modified when EFR[4] is set.
[2]
Accessed by a combination of address pins and register bits.
[3]
Accessible only when LCR[7] is logic 1.
[4]
Accessible only when LCR is set to 10111111 (xBF).
[5]
Accessible only when EFR[4] = 1 and MCR[6] = 1, i.e., EFR[4] and MCR[6] are read/write enables.
[6]
Accessible only when CSA or CSB = 0, MCR[2] = 1, and loop-back is disabled (MCR[4] = 0).
Fig 13. Crystal oscillator connections.
002aaa586
X1
1.8432 MHz
C1
22 pF
C2
47 pF
X1
1.8432 MHz
C1
22 pF
C2
33 pF
1.5 k
Ω
Table 9:
Register map - read/write properties
A2
A1
A0
Read mode
Write mode
0
0
0
receive holding register (RHR)
transmit holding register (THR)
0
0
1
interrupt enable register (IER)
interrupt enable register
0
1
0
interrupt identification register (IIR)
FIFO control register (FCR)
0
1
1
line control register (LCR)
line control register
1
0
0
modem control register (MCR)[1]
modem control register[1]
1
0
1
line status register (LSR)
1
1
0
modem status register (MSR)
1
1
1
scratchpad register (SPR)
scratchpad register
0
0
0
divisor latch LSB (DLL)[2], [3]
divisor latch LSB[2], [3]
0
0
1
divisor latch MSB (DLH)[2], [3]
divisor latch MSB[2], [3]
0
1
0
enhanced feature register (EFR)[2], [4]
enhanced feature register[2], [4]
1
0
0
Xon1 word[2], [4]
Xon1 word[2], [4]
1
0
1
Xon2 word[2], [4]
Xon2 word[2], [4]
1
1
0
Xoff1 word[2], [4]
Xoff1 word[2], [4]
1
1
1
Xoff2 word[2], [4]
Xoff2 word[2], [4]
1
1
0
transmission control register (TCR)[2], [5] transmission control register[2], [5]
1
1
1
trigger level register (TLR)[2], [5]
trigger level register[2], [5]
1
1
1
FIFO ready register[2], [6]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com