Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C752B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC16C752B Datasheet HTML 5Page - NXP Semiconductors SC16C752B Datasheet HTML 6Page - NXP Semiconductors SC16C752B Datasheet HTML 7Page - NXP Semiconductors SC16C752B Datasheet HTML 8Page - NXP Semiconductors SC16C752B Datasheet HTML 9Page - NXP Semiconductors SC16C752B Datasheet HTML 10Page - NXP Semiconductors SC16C752B Datasheet HTML 11Page - NXP Semiconductors SC16C752B Datasheet HTML 12Page - NXP Semiconductors SC16C752B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
9 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.2.2
Auto-CTS
The transmitter circuitry checks CTS before sending the next data byte. When CTS is
active, the transmitter sends the next byte. To stop the transmitter from sending the
following byte, CTS must be deasserted before the middle of the last stop bit that is
currently being sent. The auto-CTS function reduces interrupts to the host system.
When flow control is enabled, CTS level changes do not trigger host interrupts
because the device automatically controls its own transmitter. Without auto-CTS, the
transmitter sends any data present in the transmit FIFO and a receiver overrun error
may result.
6.3 Software flow control
Software flow control is enabled through the enhanced feature register and the
modem control register. Different combinations of software flow control can be
enabled by setting different combinations of EFR[3:0]. Table 3 shows software flow
control options.
(1) When CTS is LOW, the transmitter keeps sending serial data out.
(2) When CTS goes HIGH before the middle of the last stop bit of the current byte, the transmitter finishes sending the current
byte, but is does not send the next byte.
(3) When CTS goes from HIGH to LOW, the transmitter begins sending data again.
Fig 6.
CTS functional timing.
Start
byte 0 to 7
Stop
TX
CTS
002aaa227
Start
byte 0 to 7
Stop
Table 3:
Software flow control options (EFR[0:3])
EFR[3]
EFR[2]
EFR[1]
EFR[0]
TX, RX software flow controls
0
0
X
X
no transmit flow control
1
0
X
X
transmit Xon1, Xoff1
0
1
X
X
transmit Xon2, Xoff2
1
1
X
X
transmit Xon1, Xon2, Xoff1, Xoff2
X
X
0
0
no receive flow control
X
X
1
0
receiver compared Xon1, Xoff1
X
X
0
1
receiver compares Xon2, Xoff2
1011transmit Xon1, Xoff1
receiver compares Xon1 and Xon2, Xoff1 and Xoff2
0111transmit Xon2, Xoff2
receiver compares Xon1 and Xon2, Xoff1 and Xoff2
1111transmit Xon1, Xon2, Xoff1, Xoff2
receiver compares Xon1 and Xon2, Xoff1 and Xoff2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com