Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C752B Datasheet(PDF) 35 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button SC16C752B Datasheet HTML 31Page - NXP Semiconductors SC16C752B Datasheet HTML 32Page - NXP Semiconductors SC16C752B Datasheet HTML 33Page - NXP Semiconductors SC16C752B Datasheet HTML 34Page - NXP Semiconductors SC16C752B Datasheet HTML 35Page - NXP Semiconductors SC16C752B Datasheet HTML 36Page - NXP Semiconductors SC16C752B Datasheet HTML 37Page - NXP Semiconductors SC16C752B Datasheet HTML 38Page - NXP Semiconductors SC16C752B Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
35 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Applies to external clock; crystal oscillator max 24 MHz.
11.1 Timing diagrams
tp1, tp2
clock cycle period
10
-
6
-
ns
tp3
clock speed
[1]
-
48
-
80
MHz
t(RESET)
RESET pulse width
200
-
200
-
ns
tsu1
address set-up time
0
-
0
-
ns
tsu2
data set-up time
16
-
16
-
ns
tsu3
set-up time from IOW or IOR assertion
to XTAL1 clock LOW-to-HIGH transition
20
-
20
-
ns
tw1
IOR strobe width
77
-
30
-
ns
tw2
IOW strobe width
30
-
30
-
ns
Table 26:
AC electrical characteristics…continued
Tamb = −40 °C to +85 °C; VCC = 2.5 V, 3.3 V ± 10% or 5 V ± 10%, unless specified otherwise.
Symbol
Parameter
Conditions
2.5 V
3.3 V and 5 V
Unit
Min
Max
Min
Max
Fig 14. General read timing.
DATA
ACTIVE
ACTIVE
VALID
ADDRESS
002aaa235
tsu1
th4
td1
tw1
td2
td3
td4
A0–A2
CSA,
CSB
IOR
D0–D7
th1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com