Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C752B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 1 Page - NXP Semiconductors

  SC16C752B Datasheet HTML 1Page - NXP Semiconductors SC16C752B Datasheet HTML 2Page - NXP Semiconductors SC16C752B Datasheet HTML 3Page - NXP Semiconductors SC16C752B Datasheet HTML 4Page - NXP Semiconductors SC16C752B Datasheet HTML 5Page - NXP Semiconductors SC16C752B Datasheet HTML 6Page - NXP Semiconductors SC16C752B Datasheet HTML 7Page - NXP Semiconductors SC16C752B Datasheet HTML 8Page - NXP Semiconductors SC16C752B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with
64-byte FIFOs
Rev. 03 — 14 December 2004
Product data
1.
Description
The SC16C752B is a dual universal asynchronous receiver/transmitter (UART) with
64-byte FIFOs, automatic hardware/software flow control, and data rates up to
5 Mbit/s (3.3 V and 5 V). The SC16C752B offers enhanced features. It has a
transmission control register (TCR) that stores receiver FIFO threshold levels to
start/stop transmission during hardware and software flow control. With the FIFO
RDY register, the software gets the status of TXRDY/RXRDY for all four ports in one
access. On-chip status registers provide the user with error indications, operational
status, and modem interface control. System interrupts may be tailored to meet user
requirements. An internal loop-back capability allows on-board diagnostics.
The UART transmits data, sent to it over the peripheral 8-bit bus, on the TX signal and
receives characters on the RX signal. Characters can be programmed to be 5, 6, 7, or
8 bits. The UART has a 64-byte receive FIFO and transmit FIFO and can be
programmed to interrupt at different trigger levels. The UART generates its own
desired baud rate based upon a programmable divisor and its input clock. It can
transmit even, odd, or no parity and 1, 1.5, or 2 stop bits. The receiver can detect
break, idle, or framing errors, FIFO overflow, and parity errors. The transmitter can
detect FIFO underflow. The UART also contains a software interface for modem
control operations, and has software flow control and hardware flow control
capabilities.
The SC16C752B is available in plastic LQFP48 and HVQFN32 packages.
2.
Features
s Dual channel
s Pin compatible with SC16C2550 with additional enhancements
s Up to 5 Mbit/s baud rate (at 3.3 V and 5 V; at 2.5 V maximum baud rate is
3 Mbit/s)
s 64-byte transmit FIFO
s 64-byte receive FIFO with error flags
s Programmable and selectable transmit and receive FIFO trigger levels for DMA
and interrupt generation
s Software/hardware flow control
x Programmable Xon/Xoff characters
x Programmable auto-RTS and auto-CTS
s Optional data flow resume by Xon any character
s DMA signalling capability for both received and transmitted data
s Supports 5 V, 3.3 V and 2.5 V operation
s 5 V tolerant inputs


Similar Part No. - SC16C752B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C752BIB48 NXP-SC16C752BIB48 Datasheet
226Kb / 47P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C752BIB48 NXP-SC16C752BIB48 Datasheet
1,019Kb / 47P
5 V, 2.2 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 6-30 November 2010
SC16C752BIBS NXP-SC16C752BIBS Datasheet
226Kb / 47P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C752BIBS NXP-SC16C752BIBS Datasheet
1,019Kb / 47P
5 V, 2.2 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 6-30 November 2010
More results

Similar Description - SC16C752B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC68C752B PHILIPS-SC68C752B Datasheet
236Kb / 49P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
Rev. 03-29 November 2005
SC16C2550B PHILIPS-SC16C2550B Datasheet
200Kb / 42P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC16C752B NXP-SC16C752B_10 Datasheet
1,019Kb / 47P
5 V, 2.2 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 6-30 November 2010
SC16C554BIB80-T NXP-SC16C554BIB80-T Datasheet
1Mb / 58P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com