Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C752B Datasheet(PDF) 37 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button SC16C752B Datasheet HTML 33Page - NXP Semiconductors SC16C752B Datasheet HTML 34Page - NXP Semiconductors SC16C752B Datasheet HTML 35Page - NXP Semiconductors SC16C752B Datasheet HTML 36Page - NXP Semiconductors SC16C752B Datasheet HTML 37Page - NXP Semiconductors SC16C752B Datasheet HTML 38Page - NXP Semiconductors SC16C752B Datasheet HTML 39Page - NXP Semiconductors SC16C752B Datasheet HTML 40Page - NXP Semiconductors SC16C752B Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
37 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 17. Modem input/output timing.
td7
change of state
td8
td8
td9
002aaa238
td8
change of state
change of state
change of state
active
active
active
active
active
active
active
change of state
RTSA, RTSB
DTRA, DTRB
IOW
CDA, CDB
CTSA, CTSB
DSRA, DSRB
INTA, INTB
IOR
RIA, RIB
Fig 18. Receive timing.
D0
D1
D2
D3
D4
D5
D6
D7
active
active
16 baud rate clock
002aaa239
td11
next
data
Start
bit
Stop
bit
parity
bit
Start
bit
td10
RXA, RXB
INTA, INTB
IOR
data bits (0 to 7)
5 data bits
6 data bits
7 data bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com