Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C752B Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SC16C752B Datasheet HTML 6Page - NXP Semiconductors SC16C752B Datasheet HTML 7Page - NXP Semiconductors SC16C752B Datasheet HTML 8Page - NXP Semiconductors SC16C752B Datasheet HTML 9Page - NXP Semiconductors SC16C752B Datasheet HTML 10Page - NXP Semiconductors SC16C752B Datasheet HTML 11Page - NXP Semiconductors SC16C752B Datasheet HTML 12Page - NXP Semiconductors SC16C752B Datasheet HTML 13Page - NXP Semiconductors SC16C752B Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
10 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
There are two other enhanced features relating to software flow control:
• Xon Any function (MCR[5]): Operation will resume after receiving any character
after recognizing the Xoff character. It is possible that an Xon1 character is
recognized as an Xon Any character, which could cause an Xon2 character to be
written to the RX FIFO.
• Special character (EFR[5]): Incoming data is compared to Xoff2. Detection of the
special character sets the Xoff interrupt (IIR[4]) but does not halt transmission. The
Xoff interrupt is cleared by a read of the IIR. The special character is transferred to
the RX FIFO.
6.3.1
RX
When software flow control operation is enabled, the SC16C752B will compare
incoming data with Xoff1,2 programmed characters (in certain cases, Xoff1 and Xoff2
must be received sequentially). When the correct Xoff character are received,
transmission is halted after completing transmission of the current character. Xoff
detection also sets IIR[4] (if enabled via IER[5]) and causes INT to go HIGH.
To resume transmission, an Xon1,2 character must be received (in certain cases
Xon1 and Xon2 must be received sequentially). When the correct Xon characters are
received, IIR[4] is cleared, and the Xoff interrupt disappears.
6.3.2
TX
Xoff1/2 character is transmitted when the RX FIFO has passed the HALT trigger level
programmed in TCR[3:0].
Xon1/2 character is transmitted when the RX FIFO reaches the RESUME trigger
level programmed in TCR[7:4].
The transmission of Xoff/Xon(s) follows the exact same protocol as transmission of
an ordinary byte from the FIFO. This means that even if the word length is set to be 5,
6, or 7 characters, then the 5, 6, or 7 least significant bits of Xoff1,2/Xon1,2 will be
transmitted. (Note that the transmission of 5, 6, or 7 bits of a character is seldom
done, but this functionality is included to maintain compatibility with earlier designs.)
It is assumed that software flow control and hardware flow control will never be
enabled simultaneously. Figure 7 shows an example of software flow control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com