Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C752B Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SC16C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752B Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SC16C752B Datasheet HTML 26Page - NXP Semiconductors SC16C752B Datasheet HTML 27Page - NXP Semiconductors SC16C752B Datasheet HTML 28Page - NXP Semiconductors SC16C752B Datasheet HTML 29Page - NXP Semiconductors SC16C752B Datasheet HTML 30Page - NXP Semiconductors SC16C752B Datasheet HTML 31Page - NXP Semiconductors SC16C752B Datasheet HTML 32Page - NXP Semiconductors SC16C752B Datasheet HTML 33Page - NXP Semiconductors SC16C752B Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Philips Semiconductors
SC16C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Product data
Rev. 03 — 14 December 2004
30 of 47
9397 750 14443
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.14 FIFO ready register
The FIFO ready register provides real-time status of the transmit and receive FIFOs
of both channels.
The FIFO Rdy register is a read-only register that can be accessed when any of the
two UARTs is selected CSA or CSB = 0, MCR[2] (FIFO Rdy Enable) is a logic 1, and
loop-back is disabled. The address is 111.
Table 22:
FIFO Ready Register bits description
Bit
Symbol
Description
7:6
FIFO Rdy[7:6]
Unused; always 0.
5
FIFO Rdy[5]
RX FIFO B status. Related to DMA.
4
FIFO Rdy[4]
RX FIFO A status. Related to DMA.
3:2
FIFO Rdy[3:2]
Unused; always 0.
1
FIFO Rdy[1]
TX FIFO B status. Related to DMA.
0
FIFO Rdy[0]
TX FIFO A status. Related to DMA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com