Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 24Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 25Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 26Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 27Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 31Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 192 page
background image
Configuration
28
www.national.com
TABLE 2-17. KBC Configuration Registers for Keyboard - Logical Device 6
2.4
CARD CONTROL REGISTERS
This section describes the registers at first level indexes in
the range 20h - 2Fh.
2.4.1
SID Register
This read-only register contains the identity number of the
chip. The PC87309VLJ is identified by the value E0h in this
register.
2.4.2
SuperI/O Configuration 1 Register (SIOCF1)
This register can be read or written. It is reset by hardware
according to the BADDRs and the CFG0 strap pins see TA-
BLE 2-1 "Strap Pins and Base Addresses" on page 20.
Bit 1,0 - BADDR1 and BADDR0
Initialized on reset by BADDR1 and BADDR0 strap pins
(BADDR0 on bit 0). These bits select the addresses of
the configuration Index and Data registers and the PnP
ISA Serial Identifier. See TABLE 2-1 "Strap Pins and
Base Addresses" on page 20.
Bit 2 - PC-AT or PS/2 Drive Mode Select
0: PS/2 drive mode.
1: PC-AT drive mode. (Default)
Bit 3 - CFG0 Bit
Initialized on reset by CFG0 strap pin. This read-only bit
selects between Full-IR and Two-UART modes.
0: Full-IR mode.
1: Two-UART mode.
Index
R/W
Hard Reset
Soft Reset
Configuration Register or Action
30h
R/W
01h
No Effect
Activate.
See also FER1 of Power Management device
(Logical Device 4).
31h
R/W
00h
No Effect
I/O Range Check.
60h
R/W
00h
No Effect
Base Address MSB Register.
Bits 7-3 (for A15-11) are read only, 00000b.
61h
R/W
60h
No Effect
Base Address LSB Register.
Bits 2-0 are read only 000b.
62h
R/W
00h
No Effect
Command Base Address MSB Register.
Bits 7-3 (for A15-11) are read only, 00000b.
63h
R/W
64h
No Effect
Command Base Address LSB.
Bits 2-0 are read only 100b.
70h
R/W
01h
No Effect
KBC Interrupt (KBC IRQ1 pin) Select.
71h
RW
02h
No Effect
KBC Interrupt Type.
Bits 1,0 are read/write; others are read only.
74h
R
04h
No Effect
Report no DMA assignment.
75h
R
04h
No Effect
Report no DMA assignment.
F0h
R/W
See Section 2.9.
No Effect
SuperI/O KBC Configuration Register.
76543210
Reset
Required
0
0
0
0
0
1
1
1
0
0
0
0
0
1
1
1
SID
Index 20h
Register,
Chip ID
General Purpose Scratch Bits
76543210
Reset
Required
x
x
1
x
0
0
0
0
SuperI/O Configuration 1
Index 21h
BADDR0
PC-AT or PS/2 Drive Mode Select
BADDR1
CFG0
Lock Scratch Bit
KBC-Lock
Register (SIOCF1),



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com