Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 79 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 79 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 75Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 76Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 77Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 78Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 79Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 80Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 81Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 82Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 83Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 192 page
background image
Parallel Port (Logical Device 1)
79
www.national.com
4.0
Parallel Port (Logical Device 1)
The Parallel Port is a communications device that transfers
parallel data between the system and an external device.
Originally designed to output data to an external printer, the
use of this port has grown to include bidirectional communi-
cations, increased data rates and additional applications
(such as network adaptors).
4.1
PARALLEL PORT CONFIGURATION
The PC87309 Parallel Port device offers a wide range of op-
erational configurations. It utilizes the most advanced proto-
cols in current use, while maintaining full backward
compatability to support existing hardware and software. It
supports two Standard Parallel Port (SPP) modes of opera-
tion for parallel printer ports (as found in the IBM PC-AT,
PS/2 and Centronics systems), two Enhanced Parallel Port
(EPP) modes of operation, and one Extended Capabilities
Port (ECP) mode. This versatility is achieved by user soft-
ware control of the mode in which the device functions.
The IEEE 1284 standard establishes a widely accepted
handshake and transfer protocol that ensures transfer data
integrity. This parallel interface fully supports the IEEE 1284
standard of parallel communications, in both Legacy and
Plug and Play configurations, in all modes except the EPP
revision 1.7 mode described in the next section.
4.1.1
Parallel Port Operation Modes
The PC87309 parallel port supports Standard Parallel Port
(SPP), Enhanced Parallel Port (EPP) and Extended Capa-
bilities Port (ECP) configurations.
q
In the Standard Parallel Port (SPP) configuration, data
rates of several hundred bytes per second are
achieved. This configuration supports the following op-
eration modes:
— In SPP Compatible mode the port is write-only (for
data). Data transfers are software-controlled and are
accompanied by status and control handshake sig-
nals.
— PP FIFO mode enhances SPP Compatible mode by
the addition of an output data FIFO, and operation
as a state-machine operation instead of software-
controlled operation.
— In SPP Extended mode, the parallel port becomes a
read/write port, that can transfer a full data byte in ei-
ther direction.
q
The Enhanced Parallel Port (EPP) configuration sup-
ports two modes that offer higher bi-directional through-
put and more efficient hardware-based handling.
— The EPP revision 1.7 mode lacks a comprehensive
handshaking scheme to ensure data transfer integ-
rity between communicating devices with dissimilar
data rates. This is the only mode that does not meet
the requirements of the IEEE 1284 standard hand-
shake and transfer protocol.
— EPP revision 1.9 mode offers data transfer enhance-
ment, while meeting the IEEE 1284 standard.
q
The Extended Capabilities Port (ECP) configuration ex-
tends the port capabilities beyond EPP modes by add-
ing a bi-directional 16-level FIFO with threshold
interrupts, for PIO and DMA data transfer, including de-
mand DMA operation. In this mode, the device becomes
a hardware state-machine with highly efficient data
transfer control by hardware in real-time.
The PC87309 enters ECP mode by default after reset.
The ECP configuration supports several modes that are
determined by bits 7-5 of the ECP Extended Control
Register (ECR) at offset 402h. Section 4.6 "DETAILED
ECP MODE DESCRIPTIONS" on page 95 describes
these modes in detail. The ECR register is described in
Section 4.5.12 "Extended Control Register (ECR)" on
page 91.
4.1.2
Configuring Operation Modes
The operation mode of the parallel port is determined by
configuration bits that are controlled by software. If ECP
mode is set upon initial system configuration, the operation
mode may also be changed during run-time.
q
Configuration at System Initialization (Static) - The
parallel port operation mode is determined at initial sys-
tem configuration by bits 7-5 of the SuperI/O Parallel
Port Configuration register at index F0h
q
Configuration at System Initialization with Run-
Time Reconfiguration (Dynamic) - When ECP mode
is selected as the static all other operational modes may
be run from this state. In this case the operation mode
is determined by bits 7-5 of the parallel port Extended
Control register (ECR) at parallel port base address +
402h and by bits 7 and 4 of the Control2 register at sec-
ond level offset 2. These registers are accessed via the
internal ECP Mode Index and Data registers at parallel
port base address + 403 and parallel port base address
+ 404h, respectively.
TABLE 4-1
"Parallel Port Mode Selection" on page 80
shows how to configure the parallel port for the different op-
eration modes.
TABLE 2-3 "Parallel Port Address Range Allocation" on
page 21 shows how to allocate a range for the base address
of the parallel port for each mode. Parallel port address de-
coding is described in Section 2.2.2 "Address Decoding" on
page 20.
The parallel port supports Plug and Play operation. Its inter-
rupt can be routed on one of the following ISA interrupts:
IRQ1 to IRQ15 except for IRQ 2 and 13. Its DMA signals
can be routed to one of three 8-bit ISA DMA channels. See
Section 4.5.19 "PP Confg0 Register" on page 94.
The parallel port device is activated by setting bit 4 of the
system Function Enable Register 1 (FER1) to 1. See Sec-
tion 7.2.3 "Function Enable Register 1 (FER1)" on page
155.
4.1.3
Output Pin Protection
The parallel port output pins are protected against potential
damage from connecting an unpowered port to a powered-
up printer.
4.2
STANDARD PARALLEL PORT (SPP) MODES
Compatible SPP mode is a data write-only mode that out-
puts data to a parallel printer, using handshake bits, under
software control.
In SPP Extended mode, parallel data transfer is bi-direc-
tional. TABLE 4-12 "Parallel Port Pin Out" on page 101 lists
the output signals for the standard 25-pin, D-type connec-
tor. TABLE 4-2 "Parallel Port Reset States" on page 80 lists
the reset states for handshake output pins in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com