Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 93 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 93 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 89Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 90Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 91Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 92Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 93Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 94Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 95Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 96Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 97Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 192 page
background image
Parallel Port (Logical Device 1)
93
www.national.com
Bits 7-3 - Reserved
These bits are treated as 0 for offset calculations. Writ-
ing any other value to them has no effect.
These bits are read only. They return 00000 on reads
and must be written as 00000.
4.5.14
ECP Extended Data Register (EDR)
This read/write register is the data port of the control regis-
ter indicated by the index stored in the EIR. Reading or writ-
ing this register reads or writes the data in the control
register whose second level offset is specified by the EIR.
Bits 7-0 - Data Bits
These read/write data bits transfer data to and from the
Control Register pointed at by the EIR register.
4.5.15
ECP Extended Auxiliary Status Register (EAR)
Upon reset, this register is initialized to 00h.
Bits 6-0 - Reserved
Bit 7 - FIFO Tag
Read only. In mode 011, when bit 5 of the DCR is 1
(backward direction), this bit reflects the value of the tag
bit (BUSY status) of the word currently in the bottom of
the FIFO.
In other modes this bit is indeterminate.
4.5.16
Control0 Register
Upon reset, this register is initialized to 00h.
Bit 0 - EPP Time-Out Interrupt Mask
0: The EPP time-out is masked.
1: The EPP time-out is generated.
Bit 3-1 - Reserved
Bit 4 - Freeze Bit
In mode 011, setting this bit to 1 freezes part of the in-
terface with the peripheral device, and clearing this bit to
0 releases and initializes it.
In all other modes the value of this bit is ignored.
Bit 5 - DCR Register Live
When this bit is 1, reading DCR (see Section 4.5.6 "ECP
Control Register (DCR)" on page 89) reads the interface
control lines pin values regardless of the mode selected.
Otherwise, reading the DCR reads the content of the
register.
Bits 7, 6 - Reserved
4.5.17
Control2 Register
Upon reset, this register is initialized to 00h.
Bits 3-0 - Reserved
Bit 4 - EPP 1.7/1.9 Select
Selects EPP version 1.7 or 1.9.
0: EPP version 1.7.
1: EPP version 1.9.
76543210
Reset
Required
0
0
0
0
0
0
0
0
ECP Extended Data
Register (EDR)
Offset 404h
Data Bits
D2
D4
D5
D6
D7
D0
D1
D3
76543210
Reset
Required
0
0
0
0
0
0
0
0
ECP Extended Auxiliary
Offset 405h
Reserved
FIFO Tag
Status Register (EAR)
76543210
Reset
Required
0
0
0
0
0
0
0
0
Control0 Register
Offset 00h
Reserved
EPP Time-Out
Reserved
Reserved
Reserved
Reserved
Freeze Bit
DCR Register Live
Second Level
Interrupt Mask
76543210
Reset
Required
0
0
0
0
0
0
0
0
Control2 Register
Offset 02h
Revision 1.7 or 1.9 Select
Channel Address Enable
Reserved
Reserved
SPP Compatability
Second Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com