Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 27Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 31Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 32Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 33Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 34Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 192 page
background image
Configuration
31
www.national.com
Bit 1 - Clock Enable
0: Parallel port clock disabled.
ECP modes and EPP timeout are not functional
when the logical device is active. Registers are
maintained.
1: Parallel port clock enabled.
All operation modes are functional when the logical
device is active. This bit is ANDed with a bit of the
PMC3 register of the Power Management device
(Logical Device4).
Bit 2,3 - Reserved
Bit 4 - Configuration Bits within the Parallel Port
0: The registers at base (address) + 403h, base +
404h and base + 405h are not accessible (reads
and writes are ignored).
1: When IEEE1284 mode is selected by bits 7
through 5, the registers at base (address) + 403h,
base + 404h and base + 405h are accessible.
This option supports run-time configuration within
the Parallel Port address space. An 8-byte (and
1024-byte) aligned base address is required to ac-
cess these registers. See Chapter 4 "Parallel Port
(Logical Device 1)" on page 79 for details.
Bit 7-5 - Parallel Port Mode Select
Bit 5 is the LSB.
Selection of EPP 1.7 or 1.9 in ECP mode 4 is controlled
by bit 4 of the Control2 configuration register of the par-
allel port at offset 02h. See Section 4.5.17 "Control2
Register" on page 93.
000: SPP Compatible mode. PD7-0 are always output
signals.
001: SPP Extended mode. PD7-0 direction controlled
by software.
010:EPP 1.7 mode.
011:EPP 1.9 mode.
100:IEEE1284 mode (selects IEEE1284 register set),
with no support for EPP mode.
101:Reserved.
110:Reserved.
111:IEEE1284 mode (selects IEEE1284 register set),
with EPP mode selectable as mode 4.
2.7
SUPERI/O UART2 AND INFRARED
CONFIGURATION REGISTER (LOGICAL DEVICE 2)
This read/write register is reset by hardware to 02h.
Bit 0 - TRI-STATE Control for UART2 signals
This bit controls the TRI-STATE status of UART signals
(except IRQ and DMA signals) when UART2 is inactive
(disabled). This bit is ORed with a bit of the PMC1 reg-
ister of the Power Management device (Logical
Device4).
0: Signals not in TRI-STATE.
1: Signals in TRI-STATE.
Bit 1 - Power Mode Control
0: Low power mode.
UART2 Clock disabled. UART2 output signals are
set to their default state. The RI input signal can be
programmed to generate an interrupt. Registers
are maintained.
1: Normal power mode.
UART2 clock enabled. The UART2 is functional
when the logical device is active. This bit is ANDed
with a bit of the PMC3 register of the Power Man-
agement device (Logical Device 4).
Bit 2 - Busy Indicator
This read-only bit can be used by power management
software to decide when to power down UART2 logical
device. This bit is also accessed via the PMC3 register
of the Power Management device (Logical Device 4).
0: No transfer in progress.
1: Transfer in progress.
Bits 6-3 - Reserved
Bit 7 - Bank Select Enable
Enables bank switching for UART2. If this bit is cleared,
all attempts to access the extended registers are ig-
nored.
TRI-STATE Control for
Bank Select Enable
76543210
Reset
Required
0
1
0
0
0
0
0
0
Index F0h
Configuration Register,
SuperI/O UART2
Power Mode Control
Busy Indicator
Reserved
UART2 Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com