Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 57Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 58Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 59Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 60Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 61Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 62Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 63Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 64Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
61
www.national.com
0: Use the TMR = 0 group of values. (Default)
1: Use the TMR = 1 group of values.
Third Command Phase Byte
Bit 4 - RECALIBRATE Step Pulses (R255)
This bit determines the maximum number of RECALI-
BRATE step pulses the controller issues before termi-
nating with an error, depending on the value of the
Extended Track Range (ETR) bit, i.e., bit 0 of the sec-
ond command phase byte in the MODE command.
A software reset clears this bit to its default value of 0.
0: If ETR (bit 0) = 0, the controller issues a maximum
of 85 recalibration step pulses.
If ETR (bit 0) = 1, the controller issues a maximum
of 3925 recalibration step pulses. (Default)
1: If ETR (bit 0) = 0, the controller issues a maximum
of 255 recalibration step pulses.
If ETR (bit 0) = 1, the controller issues a maximum
of 4095 recalibration step pulses.
Bit 5 - Burst Mode Disable (BST)
This bit enables or disables burst mode, if the FIFO is
enabled (bit 5 in the CONFIGURE command is 0). If the
FIFO is not enabled in the CONFIGURE command, then
the value of this bit is ignored.
A software reset enables burst mode, i.e., clears this bit
to its default value of 0, if the LOCK bit (bit 7 of the op-
code of the LOCK command) is 0. If it is 1, BST retains
its value after a software reset.
0: Burst mode enabled for FIFO execution phase data
transfers. (Default)
1: Burst mode disabled.
The FDC issues one DRQ or IRQ6 pulse for each
byte to be transferred while the FIFO is enabled.
Bit 6 - FIFO Read Disable (FRD)
This bit enables or disables the FIFO for microprocessor
read transfers from the controller, if the FIFO is enabled
(bit 5 in the CONFIGURE command is 0). If the FIFO is
not enabled in the CONFIGURE command, then the val-
ue of this bit is ignored.
A software reset enables the FIFO for reads, i.e., clears
this bit to its default value of 0, if the LOCK bit (bit 7 of
the opcode of the LOCK command) is 0. If it is 1, FRD
retains its value after a software reset.
0: Enable FIFO. Execution phase of microprocessor
read transfers use the internal FIFO. (Default)
1: Disable FIFO. All read data transfers take place
without the FIFO.
Bit 7 - FIFO Write Enable or Disable (FWR)
This bit enables or disables write transfers to the con-
troller, if the FIFO is enabled (bit 5 in the CONFIGURE
command is 0). If the FIFO is not enabled in the CON-
FIGURE command, then the value of this bit is ignored.
A software reset enables the FIFO for writes, i.e., clears
this bit to its default value of 0, if the LOCK bit (bit 7 of
the opcode of the LOCK command) is 0. If it is 1, FWR
retains its value after a software reset.
0: Enable FIFO. Execution phase microprocessor
write transfers use the internal FIFO. (Default)
1: Disable FIFO. All write data transfers take place
without the FIFO.
Fourth Command Phase Byte
Bits 3-0 - Head Settle Factor
This field is used to specify the maximum time allowed
for the read/write head to settle after a seek during an
implied seek operation.
The value specified by these bits (the head settle factor)
is multiplied by the multiplier for selected data rate to
specify a head settle time that is within the range for that
data rate.
Use the following formula to determine the head settle
factor that these bits should specify:
Head Settle Factor x Multiplier = Head Settle Time
TABLE 3-12 on page 61 shows the multipliers and head
settle time ranges for each data transfer rate. The de-
fault head settle factor, i.e., value for these bits, is 8.
TABLE 3-12. Multipliers and Head Settle Time Ranges
for Different Data Transfer Rates
Bit 4 - Scan Wild Card (WLD)
This bit determines whether or not a value of FFh from
either the microprocessor or the disk is recognized dur-
ing a scan command as a wildcard character.
0: A value of FFh from either the microprocessor or
the disk during a scan command is interpreted as a
wildcard character that always matches. (Default)
1: The scan commands do not recognize a value of
FFh as a wildcard character.
Bit 5 - CMOS Disk Interface Buffer Enable (BFR)
This bit configures drive output signals.
0: Drive output signals are configured as standard 4
mA push-pull output signals (40 mA sink, 4 mA
source). (Default)
1: Drive output signals are configured as 40 mA open-
drain output signals.
Bits 7,6 - Density Select Pin Configuration (DENSEL)
This field can configure the polarity of the Density Select
output signal (DENSEL) as always low or always high,
as shown in Table 4-3. This allows the user more flexi-
bility with new drive types.
This field overrides the DENSEL polarity defined by the
DENSEL polarity bit of the SuperI/O FDC configuration
register at index F0h and described in Section 2.5.1 on
page 30.
00: The DENSEL signal is always low.
01: The DENSEL signal is always high.
10: The DENSEL signal is undefined.
Data Transfer
Rate (Kbps)
Multiplier
Head Settle
Time Range (msec)
250
8
0 - 120
300
6.666
0 - 100
500
4
0 - 60
1000
2
0 - 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com