Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 54Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 55Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 56Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 57Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 58Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 59Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 60Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 61Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
58
www.national.com
FIGURE 3-5 on page 59 illustrates the track format for
each of the formats recognized by the FORMAT TRACK
command.
Sixth Command Phase Byte - Data Pattern
This byte contains the contents of the data field.
Execution Phase
The system transfers four ID bytes (track number, head
number, sector number and bytes-per-sector code) per sec-
tor to the Floppy Disk Controller (FDC) in either DMA or
non-DMA mode. Section 3.4.2 on page 45 describes these
modes.
The entire track is formatted. The data block in the data field
of each sector is filled with the data pattern byte.
Only the first three status bytes in this phase are significant.
TABLE 3-11. Typical Gap 3 Values
1. Gap 2 is specified in the command phase of read, write, scan, and verify commands. Although this is the rec-
ommended value, the FDC ignores this byte in read, write, scan and verify commands.
2. Gap 3 is the suggested value for use in the FORMAT TRACK command. This is the programmable Gap 3
illustrated in FIGURE 3-5 on page 59.
Result Phase
3.7.5
The INVALID Command
If an INVALID command (illegal opcode byte in the com-
mand phase) is received by the Floppy Disk Controller
(FDC), the controller responds with the result phase Status
Register 0 (ST0) in the result phase. See Section 3.5.1 on
page 48.
The controller does not generate an interrupt during this
condition. Bits 7 and 6 in the MSR (see Section 3.3.6 on
page 43) are both set to 1, indicating to the microprocessor
that the controller is in the result phase and the contents of
ST0 must be read.
Command Phase
Execution Phase
None.
Drive Type and
Data Transfer Rate
Bytes in Data
Field (decimal)
Bytes-Per-Sector
Code (hex)
End of Track (EOT)
Sector # (hex)
Bytes in Gap 2 1
(hex)
Bytes in Gap 3 2
(hex)
256
01
12
0A
0C
256
01
10
20
32
250 Kbps
512
02
08
2A
50
MFM
512
02
09
2A
50
1024
03
04
80
F0
2048
04
02
C8
FF
4096
05
01
C8
FF
500 Kbps
256
010
1A
0E
36
MFM
512
02
0F
1B
54
512
02
12
1B
6C
1024
03
08
35
74
2048
04
04
99
FF
4096
05
02
C8
FF
8192
06
01
C8
FF
76543210
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Undefined
Undefined
Undefined
Undefined
76543210
Invalid Opcodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com