Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 36Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 37Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 38Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 39Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 40Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 41Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 42Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 43Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
40
www.national.com
Usually, the motor enable and drive select output signals for
a particular drive are enabled together. TABLE 3-3 shows
the DOR hexadecimal values that enable each of the four
drives.
TABLE 3-3. Drive Enable Hexadecimal Values
The motor enable and drive select signals for drives 2 and
3 are only available when four drives are supported, i.e., bit
7 of the SuperI/O FDC Configuration register at index F0h
is 1, or when drives 2 and 0 are exchanged. These signals
require external logic.
Bits 1,0 - Drive Select
These bits select a drive, so that only one drive select
output signal is active at a time.
See “Bit 7 - Four Drive Control” on page 30 and “Bits 3,2
- Logical Drive Control (Enhanced TDR Mode Only)” on
page 41 for more information.
00: Drive 0 is selected. (Default)
01: Drive 1 is selected.
10: If four drives are supported, or drives 2 and 0 are
exchanged, drive 2 is selected.
11: If four drives are supported, drive 3 is selected.
Bit 2 - Reset Controller
This bit can cause a software reset. The controller re-
mains in a reset state until this bit is set to 1.
A software reset affects the CONFIGURE and MODE
commands. See Sections 3.7.2 on page 55 and 3.7.7 on
page 60, respectively. A software reset does not affect
the Data rate Select Register (DSR), Configuration Con-
trol Register (CCR) and other bits of this register (DOR).
This bit must be low for at least 100 nsec. There is
enough time during consecutive writes to the DOR to re-
set software by toggling this bit.
0: Reset controller. (Default)
1: No reset.
Bit 3 - DMA Enable (DMAEN)
In PC-AT drive mode, this bit enables DMA operations
by controlling DACK, TC and the appropriate DRQ and
IRQ DMA signals. In PC-AT mode, this bit is set to 0 af-
ter reset.
In PS/2 drive mode, this bit is reserved, and DACK, TC
and the appropriate DRQ and IRQ signals are enabled.
During reset, these signals remain enabled.
0: In PC-AT drive mode, DMA operations are dis-
abled. DACK and TC are disabled, and the appro-
priate DRQ and IRQ signals are put in TRI-STATE.
(Default)
1: In PC-AT drive mode, DMA operations are enabled,
i.e., DACK, TC and the appropriate DRQ and IRQ
signals are all enabled.
Bit 4- Motor Enable 0
If four drives are supported (bit 7 of the SuperI/O FDC
Configuration register at index F0h is 1), this bit may
control the motor output signal for drive 0, depending on
the remaining bits of this register. See TABLE 3-2 on
page 39.
If two drives are supported (bit 7 of the SuperI/O FDC
Configuration register at index F0h is 0), this bit controls
the motor output signal for drive 0.
0: The motor signal for drive 0 is not active.
1: The motor signal for drive 0 is active.
Bit 5 - Motor Enable 1
If four drives are supported (bit 7 of the SuperI/O FDC
Configuration register at index F0h is 1), this bit may
control the motor output signal for drive 0, depending on
the remaining bits of this register. See TABLE 3-2.
If two drives are supported (bit 7 of the SuperI/O FDC
Configuration register at index F0h is 0), this bit controls
the motor output signal for drive 1.
0: The motor signal for drive 1 is not active.
1: The motor signal for drive 1 is active.
Bit 6 - Motor Enable 2
If drives 2 and 0 are exchanged (see "Bits 3,2 - Logical
Drive Control (Enhanced TDR Mode Only)" on page
41), or if four drives are supported (bit 7 of the SuperI/O
FDC Configuration register at index F0h is 1), this bit
controls the motor output signal for drive 2. See TABLE
3-2.
0: The motor signal for drive 2 is not active.
1: The motor signal for drive 2 is active.
Bit 7 - Motor Enable 3
If four drives are supported (bit 7 of the SuperI/O FDC
Configuration register at index F0h is 1), this bit may
control the motor output signal for drive 3, depending on
the remaining bits of this register. See TABLE 3-2.
0: The motor signal for drive 3 is not active.
1: The motor signal for drive 3 is active.
Drive
DOR Value (Hex)
01C
12D
24E
38F
76543210
Reset
Required
0
0
0
0
0
0
0
0
Digital Output
Register (DOR)
Offset 02h
Reset Controller
Motor Enable 0
Motor Enable 1
Motor Enable 2
Motor Enable 3
Drive Select
DMAEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com