Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 87Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 88Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 89Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 90Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 91Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 92Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 93Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 94Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 95Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 192 page
background image
Parallel Port (Logical Device 1)
91
www.national.com
4.5.11
Configuration Register B (CNFGB)
Configuration register B (CNFGB) is read only. Reading this
register returns the configured parallel port interrupt line
and DMA channel, and the state of the interrupt line.
Writing to this register has no effect and the data is ignored.
Bits 1,0 - DMA Channel Select
These bits reflect the value of bits 1,0 of the PP Config0
register (second level offset 05h). Microsoft’s ECP Pro-
tocol and ISA Interface Standard defines these bits as
shown in TABLE 4-7 "ECP Mode DMA Selection".
Bits 1,0 of PP Config0 are read/write bits, but CNFGB
bits are read only.
Upon reset, these bits are initialized to 00.
TABLE 4-7. ECP Mode DMA Selection
Bit 2 - Reserved
This bit is reserved and is always 0.
Bits 5-3 - Interrupt Select Bits
These bits reflect the value of bits 5-3 of the PP Config0
register at second level index 05h. Microsoft’s ECP Pro-
tocol and ISA Interface Standard defines these bits as
shown in TABLE 4-8 "ECP Mode Interrupt Selection".
Bits 5-3 of PP Config0 are read/write bits, but CNFGB
bits are read only.
Upon reset, these bits have undefined values.
TABLE 4-8. ECP Mode Interrupt Selection
Bit 6 - IRQ Signal Value
This bit holds the value of the IRQ signal configured by
the Interrupt Select register (index 70h of this logical de-
vice).
Bit 7 - Reserved
This bit is reserved and is always 0.
4.5.12
Extended Control Register (ECR)
This register controls the ECP and parallel port functions. On
reset this register is initialized to 00010xx1 (bits 1 and 2 de-
pend on the clock status). IOCHRDY is driven low on an ECR
read when the ECR status bits do not hold updated data.
Bit 0 - FIFO Empty
This bit continuously reflects the FIFO state, and there-
fore can only be read. Data written to this bit is ignored.
When the ECP clock is frozen this bit is read as 1, re-
gardless of the actual FIFO state.
0: The FIFO has at least one byte of data.
1: The FIFO is empty or ECP clock is frozen.
Bit 1 - FIFO Full
This bit continuously reflects the FIFO state, and there-
fore can only be read. Data written to this bit is ignored.
When the ECP clock is frozen this bit is read as 1, re-
gardless of the actual FIFO state.
0: The FIFO has at least one free byte.
1: The FIFO is full or ECP clock frozen.
Bit 1 Bit 0
DMA Configuration
0
0
8-bit DMA selected by jumpers. (Default)
0
1
DMA channel 1 selected.
1
0
DMA channel 2 selected.
1
1
DMA channel 3 selected.
76543210
Reset
Required
0
0
0
x
x
x
0
0
Configuration Register B
(CNFGB)
Offset 401h
Reserved
Interrupt Select
IRQ Signal Value
Reserved
DMA Channel Select
Bits 7-5 of ECR = 111
Bit 5
Bit 4
Bit 3
Interrupt Selection
0
0
0
Selected by jumpers.
0
0
1
IRQ7 selected.
0
1
0
IRQ9 selected.
0
1
1
IRQ10 selected.
1
0
0
IRQ11 selected.
1
0
1
IRQ14 selected.
1
1
0
IRQ15 selected.
1
1
1
IRQ5 selected.
76543210
Reset
Required
1
0
1
0
0
0
Extended Control
Register (ECR)
Offset 402h
ECP Interrupt Service
ECP Interrupt Mask
ECP Mode Control
ECP DMA Enable
FIFO Full
FIFO Empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com