Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 53Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 54Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 55Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 56Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 57Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 58Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 59Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 60Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
57
www.national.com
Command Phase
First Command Phase Byte, Opcode
Bit 6 - Modified Frequency Modulation (MFM)
This bit indicates the type of the disk drive and the data
transfer rate, and determines the format of the address
marks and the encoding scheme.
0: FM mode, i.e., single density.
1: MFM mode, i.e., double density.
TABLE 3-9. Typical Values for PC Compatible Diskette Media
1. Gap 2 is specified in the command phase of read, write, scan, and verify commands. Although this is the
recommended value, the FDC ignores this byte in read, write, scan and verify commands.
2. Gap 3 is the suggested value for the programmable GAP3 that is used in the FORMAT TRACK com-
mand and is illustrated in FIGURE 3-5 on page 59.
3. The 2.88 MB diskette media is a barium ferrite media intended for use in perpendicular recording drives
at the data rate of up to 1 Mbps.
Second Command Phase Byte
Bits 1,0 - Logical Drive Select (DS1,0)
These bits indicate which logical drive is active. They re-
flect the values of bits 1,0 of the Digital Output Register
(DOR) described in “Bits 1,0 - Drive Select” on page 40
and of result phase status registers 0 and 3 (ST0 and
ST3) described in Sections 3.5.1 on page 48 and 3.5.4
on page 50.
00: Drive 0 is selected. (Default)
01: Drive 1 is selected.
10: If four drives are supported, or drives 2 and 0 are
exchanged, drive 2 is selected.
11: If four drives are supported, drive 3 is selected.
Bit 2 - Head Select (HD)
This bit indicates which side of the Floppy Disk Drive
(FDD) is selected by the head. Its value is the inverse of
the HDSEL disk interface output signal.
This bit reflects the value of bit 3 of Status Register A
(SRA) described in Section 3.3.1 on page 38 and bit 2
of result phase status registers 0 and 3 (ST0 and ST3)
described in Sections 3.5.1 on page 48 and 3.5.4 on
page 50, respectively.
0: HDSEL is not active, i.e., the head of the FDD se-
lects side 0. (Default)
1: HDSEL is active, i.e., the head of the FDD selects
side 1.
Third Command Phase Byte -Bytes-Per-Sector Code
This byte contains a code in hexadecimal format that in-
dicates the number of bytes in a data field.
TABLE 3-10 on page 57 shows the number of bytes in
a data field for each code.
TABLE 3-10. Bytes per Sector Codes
Fourth Command Phase Byte - Sectors Per Track
The value in this byte specifies how many sectors there
are in the track.
Fifth Command Phase Byte - Bytes in Gap 3
The number of bytes in gap 3 is programmable. The
number to program for Gap 3 depends on the data
transfer rate and the type of the disk drive. TABLE 3-11
on page 58 shows some typical values to use for Gap 3.
76543210
0
MFM
001101
XXXXX
HD
DS1
DS0
Bytes-Per-Sector Code
Sectors per Track
Bytes in Gap 3
Data Pattern
Media Type
Bytes in Data
Field (decimal)
Bytes-Per-Sector
Code (hex)
End of Track (EOT)
Sector # (hex)
Bytes in Gap 2 1
(hex)
Bytes in Gap 3 2
(hex)
360 KB
512
02
09
2A
50
1.2 MB
512
02
0F
1B
54
720 KB
512
02
09
1B
50
1.44 MB
512
02
12
1B
6C
2.88 MB3
512
02
24
1B
53
Bytes-Per-Sector Code (hex)
Bytes in Data Field
00
128
01
256
02
512
03
1024
04
2048
05
4096
06
8192
07
16384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com