Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 26Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 27Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 31Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 32Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 33Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 192 page
background image
Configuration
30
www.national.com
2.5
FDC CONFIGURATION REGISTERS (LOGICAL
DEVICE 0)
2.5.1
SuperI/O FDC Configuration Register
This read/write register is reset by hardware to 20h.
Bit 0 - TRI-STATE Control
When set, this bit causes the FDC pins to be in TRI-
STATE (except the IRQ and DMA pins) when the FDC is
inactive (disabled).
This bit is ORed with a bit of PMC1 register of Logical
Device 4.
0: FDC pins are not put in TRI-STATE.
1: FDC pins are put in TRI-STATE.
Bits 4-1 - Reserved
Bit 5 - DENSEL Polarity Control
0: DENSEL is active low for 500 Kbps or 1 Mbps data
rates.
1:
DENSEL is active high for 500 Kbps or 1 Mbps
data rates. (Default)
Bit 6 - TDR Register Mode
0: PC-AT Compatible drive mode (bits 7 through 2 of
TDR are not driven).
1: Enhanced drive mode (bits 7 through 2 of TDR are
driven on TDR read).
Bit 7 - Four Drive Control
0: Two floppy drives are directly controlled by DR1-0,
MTR1-0.
1: Four floppy drives are controlled with the aid of an
external decoder.
2.5.2
Drive ID Register
This read/write register is reset by hardware to 00h. These
bits control bits 5 and 4 of the enhanced TDR register.
Bits 1,0 - Drive 0 ID
These bits are reflected on bits 5 and 4, respectively, of
the Tape Drive Register (TDR) of the FDC when drive 0
is accessed. See Section 3.3.4 "Tape Drive Register
(TDR)" on page 41.
Bits 3,2 - Drive 1 ID
These bits are reflected on bits 5 and 4, respectively, of
the TDR register of the FDC when drive 1 is accessed.
See Section 3.3.4 "Tape Drive Register (TDR)" on page
41.
Bits 7-4 - Reserved
2.6
SUPERI/O PARALLEL PORT CONFIGURATION
REGISTER (LOGICAL DEVICE 1)
This read/write register is reset by hardware to F2h. To
maintain compatibility with future chips, it is recommended
not to change bits 7-4 during normal operation. Before
changing from any EPP mode to another mode, initialize
bits 3-0 of CTR to 0100b. (See 4.2.4 on page 81.)
Bit 0 - TRI-STATE Control
When set, this bit causes the parallel port pins to be in
TRI-STATE (except IRQ and DMA pins) when the paral-
lel port is inactive (disabled). This bit is ORed with a bit
of the PMC1 register of Logical Device4.
TRI-STATE Control
Four Drive Control
76543210
Reset
Required
0
0
0
0
0
1
0
0
Super I/O FDC
Index F0h
Configuration
Reserved
Register,
DENSEL Polarity Control
TDR Register Mode
Drive 0 ID
Reserved
76543210
Reset
Required
0
0
0
0
0
0
0
0
Index F1h
Drive ID Register,
Drive 1 ID
TRI-STATE Control
Parallel Port Mode Select
76543210
Reset
Required
0
1
0
0
1
1
1
1
Index F0h
Configuration Register,
Reserved
SuperI/O Parallel Port
Clock Enable
Reserved
Configuration Bits within the Parallel Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com