Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 104 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 104 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 100Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 101Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 102Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 103Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 104Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 105Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 106Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 107Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 108Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 192 page
background image
Enhanced Serial Port with IR -UART2 (Logical Device 2)
104
www.national.com
5.4
UART MODES – DETAILED DESCRIPTION
The UART modes support serial data communications with a
remote peripheral device or modem using a wired interface.
The module provides receive and transmit channels that
can operate concurrently in full-duplex mode. This module
performs all functions required to conduct parallel data in-
terchange with the system and composite serial data ex-
change with the external data channel, including:
q
Format conversion between the internal parallel data
format and the external programmable composite seri-
al format. See Figure 5-2.
q
Serial data timing generation and recognition
q
Parallel data interchange with the system using a
choice of bi-directional data transfer mechanisms
q
Status monitoring for all phases of the communica-
tions activity
The module supplies modem control registers, and a prior-
itized interrupt system for efficient interrupt handling.
5.4.1
16450 or 16550 UART Mode
The module defaults to 16450 mode after power up or reset.
UART 16550 mode is equivalent to 16450 mode, with the
addition of a 16-byte data FIFO for more efficient data I/O.
Transparent compatibility is maintained with this UART
mode in this module.
Despite the many additions to the basic UART hardware
and organization, the UART responds correctly to existing
software drivers with no software modification required.
When 16450 software initializes and addresses this mod-
ule, it will in always perform as a 16450 device.
Data transfer takes place by use of data buffers that inter-
face internally in parallel and with the external data channel
in a serial format. 16-byte data FIFOs may reduce host
overhead by enabling multiple-byte data transfers within a
single interrupt. With FIFOs disabled, this module is equiv-
alent to the standard 16450 UART. With FIFOs enabled, the
hardware functions as a standard 16550 UART.
The composite serial data stream interfaces with the data
channel through signal conditioning circuitry such as
TTL/RS232 converters, modem tone generators, etc.
Data transfer is accompanied by software-generated con-
trol signals, which may be utilized to activate the communi-
cations channel and “handshake” with the remote device.
These may be supplied directly by the UART, or generated
by control interface circuits such as telephone dialing and
answering circuits, etc.
FIGURE 5-2. Composite Serial Data
The composite serial data stream produced by the UART is
illustrated in Figure 5-2. A data word containing five to eight
bits is preceded by start bits and followed by an optional
parity bit and a stop bit. The data is clocked out, LSB first,
at a predetermined rate (the baud).
The data word length, parity bit option, number of start bits
and baud are programmable parameters.
The UART includes a programmable Baud Generator that
produces the baud clocks and associated timing signals for
serial communication.
The system can monitor this module status at any time. Sta-
tus information includes the type and condition of the trans-
fer operation in process, as well as any error conditions
(e.g., parity, overrun, framing, or break interrupt).
The module resources include modem control capability
and a prioritized interrupt system. Interrupts can be pro-
grammed to match system requirements, minimizing the
CPU overhead required to handle the communications link.
Programmable Baud Generator
This module contains a programmable Baud Generator that
generates the clock rates for serial data communication
(both transmit and receive channels). It divides its input
clock by any divisor value from 1 to 216 - 1. The output clock
frequency of the Baud Generator must be programmed to
be sixteen times the baud value. A 24 MHz input frequency
is divided by a prescale value (PRESL field of EXCR2 - see
page 121. Its default value is 13) and by a 16-bit program-
mable divisor value contained in the Baud Generator Divi-
sor High and Low registers (BGD(H) and BGD(L) - see page
119). Each divisor value yields a clock signal (BOUT) and a
further division by 16 produces the baud clock for the serial
data stream. It may also be output as a test signal when en-
abled (see bit 7 of EXCR1 on page 120.)
These user-selectable parameters enable the user to gen-
erate a large choice of serial data rates, including all stan-
dard baud rates. A list of baud rates and their settings
appears in Table 5-14 on page 119.
Module Operation
Before module operation can begin, both the communica-
tions format and baud must be programmed by the soft-
ware. The communications format is programmed by
loading a control byte into the LCR register, while the baud
is selected by loading an appropriate value into the Baud
Generator Divisor Registers and the divisor preselect val-
ues (PRESL) into EXCR2 (see page 121).
The software can read the status of the module at any time
during operation. The status information includes full or
empty state for both transmission and reception channels,
and any other condition detected on the received data
stream, like parity error, framing error, data overrun, or
break event.
5.4.2
Extended UART Mode
In Extended UART mode of operation, the module configu-
ration changes and additional features become available
which enhance UART capabilities.
q
The interrupt sources are no longer prioritized; they
are presented bit-by-bit in the EIR (see page 110).
q
An auxiliary status and control register replaces the
scratchpad register. It contains additional status and
control flag bits (“Auxiliary Status and Control Register
(ASCR)” on page 117).
q
The TX_FIFO can generate interrupts when the number
of outgoing bytes in the TX_FIFO drops below a program-
mable threshold. In the Non-Extended UART modes, only
reception FIFOs have the thresholding feature.
q
DMA capability is available.
q
Interrupts occur when the transmitter becomes empty
or a DMA event occurs.
START -LSB- DATA 5-8 -MSB- PARITY
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com