Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 136 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 136 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 132Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 133Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 134Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 135Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 136Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 137Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 138Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 139Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 140Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 192 page
background image
Enhanced Serial Port - UART1 (Logical Device 3)
136
www.national.com
6.0
Enhanced Serial Port - UART1
(Logical Device 3)
UART1 supports serial data communications with a remote
peripheral device or modem using a wired interface. The
module can function as a standard 16450 or 16550, or as
an Extended UART.
This module provides receive and transmit channels that
can operate concurrently in full-duplex mode. This module
performs all functions required to conduct parallel data in-
terchange with the system and composite serial data ex-
change with the external data channel, including:
q
Format conversion between the internal parallel data
format and the external programmable composite seri-
al format. See Figure 6-2.
q
Serial data timing generation and recognition.
q
Parallel data interchange with the system using a
choice of bi-directional data transfer mechanisms.
q
Status monitoring for all phases of communications
activity.
Existing 16550-based legacy software is completely and
transparently supported. Module organization and specific
fallback mechanisms switch the module to 16550 compatibil-
ity mode upon reset or when initialized by 16550 software.
6.1
REGISTER BANK OVERVIEW
Four register banks, each containing eight registers, control
UART operation. All registers use the same 8-byte address
space to indicate offsets 00h through 07h, and the active
bank must be selected by the software.
The register bank organization enables access to the banks
as required for activation of all module modes, while main-
taining transparent compatibility with 16450 or 16550 soft-
ware, which activates only the registers and specific bits
used in those devices. For details, See Section 6.2.
The Bank Selection Register (BSR) selects the active bank
and is common to all banks. See Figure 6-1. Therefore,
each bank defines seven new registers.
FIGURE 6-1. Register Bank Architecture
The default bank selection after system reset is 0, which
places the module in the UART 16550 mode. Additionally,
setting the baud in bank 1 (as required to initialize the 16550
UART) switches the module to a Non-Extended UART
mode. This ensures that running existing 16550 software
will switch the system to the 16550 configuration without
software modification.
Table 6-1 shows the main functions of the registers in each
bank.
TABLE 6-1. Register Bank Summary
Banks 0 and 1 are the 16550 register banks. The registers
in these banks are equivalent to the registers contained
in the 16550 UARTs and are accessed by 16550 soft-
ware drivers as if the module was a 16550. Bank 1 con-
tains the legacy Baud Generator Divisor Ports. Bank 0
registers control all other aspects of the UART function,
including data transfers, format setup parameters, inter-
rupt setup and status monitoring.
Bank 2 contains the non-legacy Baud Generator Divisor
Ports, and controls the extended features special to this
UART, that are not included in the 16550 repertoire. See
”Extended UART Mode” on page 137.
Bank 3 contains the Module Revision ID and shadow regis-
ters. The Module Revision ID (MRID) register contains
a code that identifies the revision of the module when
read by software. The shadow registers contain the
identical content as reset-when-read registers within
bank 0. Reading their contents from the shadow regis-
ters lets the system read the register content without re-
setting them.
6.2
DETAILED DESCRIPTION
The module provides receive and transmit channels that
can operate concurrently in full-duplex mode. This module
performs all functions required to conduct parallel data in-
terchange with the system and composite serial data ex-
change with the external data channel, including:
q
Format conversion between the internal parallel data
format and the external programmable composite seri-
al format. See Figure 6-2.
q
Serial data timing generation and recognition
q
Parallel data interchange with the system using a
choice of bi-directional data transfer mechanisms
q
Status monitoring for all phases of the communica-
tions activity
The module supplies modem control registers, and a prior-
itized interrupt system for efficient interrupt handling.
BANK 0
BANK 1
BANK 2
BANK 3
Offset 07h
Offset 06h
Offset 05h
Offset 04h
LCR/BSR
Offset 02h
Offset 01h
Offset 00h
Common
Register
Throughout
All Banks
16550 Banks
Bank
Main Functions
0
Global Control and Status
1
Legacy Bank
2
Baud Generator Divisor,
Extended Control and Status
3
Module Revision ID and
Shadow Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com