Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 172 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 172 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 168Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 169Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 170Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 171Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 172Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 173Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 174Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 175Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 176Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 192 page
background image
Device Specifications
172
www.national.com
10.3.3
Microprocessor Interface Timing
1. Not tested. Guaranteed by design.
Symbol
Parameter
Min
Max
Unit
tAR
Valid Address to Read Active
18
nsec
tAW
Valid Address to Write Active
18
nsec
tDH
Data Hold
0
nsec
tDS
Data Setup
18
nsec
tHZ
Read to Floating Data Bus1
13
25
nsec
tPS
Port Setup
10
nsec
tRA
Address Hold from Inactive Read
0
nsec
tRCU
Read Cycle Update1
45
nsec
tRD
Read Strobe Width
60
nsec
tRDH
Read Data Hold
10
nsec
tRI
Read Strobe to Clear IRQ6
55
nsec
tRVD
Active Read to Valid Data
55
nsec
tWA
Address Hold from Inactive Write
0
nsec
tWCU
Write Cycle Update1
45
nsec
tWI
Write Strobe to Clear IRQ6
55
nsec
tWO
Write Data to Port Update
60
nsec
tWR
Write Strobe Width
60
nsec
tWRR
RD low after WR high1
80
nsec
RC
Read Cycle = tAR + tRD + tRCU
1
123
nsec
WC
Write Cycle = tAW + tWR + tWC
1
123
nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com