Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 178 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 178 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 174Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 175Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 176Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 177Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 178Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 179Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 180Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 181Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 182Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 192 page
background image
Device Specifications
178
www.national.com
10.3.7
UART, Sharp-IR, SIR and Consumer Remote Control Timing
1. tBTN is the nominal bit time in UART, Sharp-IR, SIR and Consumer Remote Control modes. It is deter-
mined by the setting of the Baud Generator Divisor registers.
2. tCWN is the nominal pulse width of the modulation signal for Sharp-IR and Consumer Remote Control
modes. It is determined by the MCPW field (bits 7-5) of the IRTXMC register at bank 7, offset 01h, and
the TXHSC bit (bit 2) of the RCCFG register at bank 7, offset 02h.
3. tCPN is the nominal period of the modulation signal for Sharp-IR and Consumer Remote Control modes. It
is determined by the MCFR field (bits 4-0) of the IRTXMC register at offset 01h and the TXHSC bit (bit 2)
of the RCCFG register at offset 02h.
4. tMMIN and tMMAX define the time range within which the period of the incoming subcarrier signal has to fall
in order for the signal to be accepted by the receiver. These time values are determined by the content of
register IRRXDC at bank 7, offset 00h and the setting of the RXHSC bit (bit 5) of the RCCFG register at
bank 7, offset 02h.
Symbol Parameter
Conditions
Min
Max
Unit
tBT
Single Bit Time in UART and Sharp-IR
Transmitter
tBTN − 25
1
tBTN + 25
nsec
Receiver
tBTN − 2%
tBTN + 2%
nsec
tCMW
Modulation Signal Pulse Width in
Sharp-IR and Consumer Remote
Control
Transmitter
tCWN − 25
2
tCWN + 25
nsec
Receiver
500
nsec
tCMP
Modulation Signal Period in Sharp-IR
and Consumer Remote Control
Transmitter
tCPN − 25
3
tCPN + 25
nsec
Receiver
tMMIN
4
tMMAX
4
nsec
tSPW
SIR Signal Pulse Width
Transmitter,
Variable
(3/16) x tBTN − 15
1
(3/16) x tBTN + 15
1
nsec
Transmitter,
Fixed
1.48
1.78
µsec
Receiver
1
µsec
SDRT
SIR Data Rate Tolerance.
% of Nominal Data Rate.
Transmitter
± 0.87%
Receiver
± 2.0%
tSJT
SIR Leading Edge Jitter.
% of Nominal Bit Duration.
Transmitter
± 2.5%
Receiver
± 6.5%
UART
tCMW
tCMP
Sharp-IR
Consumer Remote Control
tBT
SIR
tSPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com