Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1STR Datasheet(PDF) 59 Page - STMicroelectronics

Part # STGAP1STR
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1STR Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STGAP1STR Datasheet HTML 55Page - STMicroelectronics STGAP1STR Datasheet HTML 56Page - STMicroelectronics STGAP1STR Datasheet HTML 57Page - STMicroelectronics STGAP1STR Datasheet HTML 58Page - STMicroelectronics STGAP1STR Datasheet HTML 59Page - STMicroelectronics STGAP1STR Datasheet HTML 60Page - STMicroelectronics STGAP1STR Datasheet HTML 61Page - STMicroelectronics STGAP1STR Datasheet HTML 62Page - STMicroelectronics STGAP1STR Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
DocID027190 Rev 3
59/67
STGAP1S
Programming manual
67
9.2.7
STATUS2 register (low voltage side)
The STATUS2 is a read only register. The STATUS2 register has the structure of Table 49.
A description of the STATUS2 register bits is provided in Table 50.
9.2.8
STATUS3 register (low voltage side)
The STATUS3 is a read only register. The STATUS3 register has the structure of Table 51.
Table 49. STATUS2 register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
REGERRR
ASC
GATE
Default(1)
xx
x
x
x
1
0
0
Reset
x
x
x
x
x
0
0
0
1. Default value of the local copy of the register. The value will be updated according to the actual information from the
isolated side. The default is forced at the device power-up, when the registers are reset all the flags are forced low (no
failures).
Table 50. STATUS2 register description
Name
Bit
Fault
Latched
Force
“safe state”
Note
REGERRR
2
Register or communication error on isolated side.
It is forced high when:
– Programming procedure is not correctly
performed.
– Isolated interface communication fails.
– An unexpected register value change occurs in
one of the remote registers.
It is also latched at power-up/reset and from Sleep
state.
Always
Yes
This flag is
released when
a programming
procedure is
correctly
performed also.
ASC
1
ASC pin status.
When ASC pin is high the flag reports '1', otherwise
is '0'.
No
No
See details in
Section 7.12 on
page 36
GATE
0
Gate status flag.
When GON is active the flag is '1', when GOFF is
active it is '0'.
No
No
Table 51. STATUS3 register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DT_ERR
SPI_ERR
REGERRL
OVLOD
UVLOD
Default(1)
xx
x
0
0
1
0
1
Reset
x
x
x
0
0
0
0
0
1. The default is forced at the device power-up, when the registers are reset all the flags are forced low (no failures).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com