Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1STR Datasheet(PDF) 61 Page - STMicroelectronics

Part # STGAP1STR
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1STR Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STGAP1STR Datasheet HTML 57Page - STMicroelectronics STGAP1STR Datasheet HTML 58Page - STMicroelectronics STGAP1STR Datasheet HTML 59Page - STMicroelectronics STGAP1STR Datasheet HTML 60Page - STMicroelectronics STGAP1STR Datasheet HTML 61Page - STMicroelectronics STGAP1STR Datasheet HTML 62Page - STMicroelectronics STGAP1STR Datasheet HTML 63Page - STMicroelectronics STGAP1STR Datasheet HTML 64Page - STMicroelectronics STGAP1STR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
DocID027190 Rev 3
61/67
STGAP1S
Programming manual
67
9.2.10
DIAG1 and DIAG2 registers (low voltage side)
The DIAG1 register has the structure of Table 55.
The DIAG2 register has the structure of Table 56.
If a bit in the DIAG1 register is high, the corresponding fault events turn on the open drain
connected to the DIAG1 pin forcing the output low.
If a bit in the DIAG2 register is high and the DIAG_EN bit is high, the corresponding fault
events turn on the open drain connected to the DIAG2 pin forcing the output low.
Table 54. Check mode
Bit
Check mode
RCHK
SENSE resistor
SNSCHK
SENSE comparator
DESCHK
DESAT comparator
GONCHK
GON to gate path
GOFFCHK
GOFF to gate path
Table 55. DIAG1 register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DIAG1_7
DIAG1_6
DIAG1_5
DIAG1_4
DIAG1_3
DIAG1_2
DIAG1_1 DIAG1_0
Default/reset
1
10110
1
0
Table 56. DIAG2 register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DIAG2_7
DIAG2_6
DIAG2_5
DIAG2_4
DIAG2_3
DIAG2_2
DIAG2_1
DIAG2_0
Default/reset
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com