Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1STR Datasheet(PDF) 31 Page - STMicroelectronics

Part # STGAP1STR
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1STR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STGAP1STR Datasheet HTML 27Page - STMicroelectronics STGAP1STR Datasheet HTML 28Page - STMicroelectronics STGAP1STR Datasheet HTML 29Page - STMicroelectronics STGAP1STR Datasheet HTML 30Page - STMicroelectronics STGAP1STR Datasheet HTML 31Page - STMicroelectronics STGAP1STR Datasheet HTML 32Page - STMicroelectronics STGAP1STR Datasheet HTML 33Page - STMicroelectronics STGAP1STR Datasheet HTML 34Page - STMicroelectronics STGAP1STR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
DocID027190 Rev 3
31/67
STGAP1S
Functional description
67
Figure 11. DESAT protection timing diagram
A deglitch filter is applied to the DESAT pin. Each pulse exceeding the VDESATth for a time
shorter than tDESfilter value shall not trigger the protection.
7.7
VCE active clamping protection
This protection is used to actively clamp the drain/collector overvoltage spikes during the
MOSFET/IGBT turn-off. This feature allows using low turn-off resistor values leading lower
turn-off losses, thus increasing efficiency, while limiting the maximum turn-off spike on the
collector (or drain) within safe limits.
The direct feedback of the collector voltage to the device can for example be made via an
element with avalanche characteristics such as a TVS. If the VCE voltage exceeds the
breakdown voltage of the TVS, the VVCECLth threshold voltage on the VCECLAMP is
reached and the IC actively slows down the power switch turn-off to keep a safe condition.
The active limiting of the driver's turn-off current strongly reduces the current flowing
through the TVS, thus preventing it from operating in overstressing conditions.
DESAT
VH level
DiagX
VL level
Blanking time
Comparator Disabled
Comparator Disabled
Comparator Enabled
tBLK
tDESAT
IN+
VDESATth
GON-GOFF
tDIAGx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com