Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1STR Datasheet(PDF) 37 Page - STMicroelectronics

Part # STGAP1STR
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1STR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STGAP1STR Datasheet HTML 33Page - STMicroelectronics STGAP1STR Datasheet HTML 34Page - STMicroelectronics STGAP1STR Datasheet HTML 35Page - STMicroelectronics STGAP1STR Datasheet HTML 36Page - STMicroelectronics STGAP1STR Datasheet HTML 37Page - STMicroelectronics STGAP1STR Datasheet HTML 38Page - STMicroelectronics STGAP1STR Datasheet HTML 39Page - STMicroelectronics STGAP1STR Datasheet HTML 40Page - STMicroelectronics STGAP1STR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
DocID027190 Rev 3
37/67
STGAP1S
Functional description
67
Only one check mode at a time must be enabled. At the end of security check procedure,
the TEST1 register must be set to 0x00 before running the device in normal mode.
It is recommended to clear the status register with the ResetStatus command before and
after each check.
To prevent SD from clearing the STATUS flags, set SD_FLAG = '0' as described in
Section 7.11.
7.14.1
GON to gate path check
The purpose of this security check is to verify the path integrity including the driver's GON
output, the GON (turn-on) gate resistor, the power switch gate and the CLAMP pin (see
Figure 17).
To perform this test, the following procedure has to be followed:
Set SD = low
Send StartConfig command
Set GONCHK = '1'
Send StopConfig command
Wait tGchk
Read TSD flag
–TSD = '0' → OK (VCLAMP > VGchk)
–TSD = '1' → FAIL (VCLAMP < VGchk)
Please note that during all the time the check is enabled the gate will be forced high (GON
turned on) regardless the SD pin level. The user test routine has to take into account this
behavior.
In any case, when GONCHK = '1', the protections SENSE and DESAT, if enabled, will
continue to operate protecting the power switch regardless the SD pin.
7.14.2
GOFF to gate path check
The purpose of this security check is to verify the path integrity including the driver's GOFF
output, the GOFF (turn-off) gate resistor, the power switch gate and the CLAMP pin (see
Figure 17).
To perform this test, the following procedure has to be followed:
Set SD = low
Send StartConfig command
Set GOFFCHK = '1'
Send StopConfig command
Wait tGchk + tGATE_GOFFchk
Read DESAT flag
–
DESAT = '0' → OK (VCLAMP < VCLAMPth)
–
DESAT = '1' → FAIL (VCLAMP > VCLAMPth)
During the check a small current IGOFFchk will be sourced from the CLAMP pin while GOFF
is on keeping the gate low through the turn-off gate resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com