Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1STR Datasheet(PDF) 60 Page - STMicroelectronics

Part # STGAP1STR
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1STR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STGAP1STR Datasheet HTML 56Page - STMicroelectronics STGAP1STR Datasheet HTML 57Page - STMicroelectronics STGAP1STR Datasheet HTML 58Page - STMicroelectronics STGAP1STR Datasheet HTML 59Page - STMicroelectronics STGAP1STR Datasheet HTML 60Page - STMicroelectronics STGAP1STR Datasheet HTML 61Page - STMicroelectronics STGAP1STR Datasheet HTML 62Page - STMicroelectronics STGAP1STR Datasheet HTML 63Page - STMicroelectronics STGAP1STR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
Programming manual
STGAP1S
60/67
DocID027190 Rev 3
A description of the STATUS2 register bits is provided in Table 52.
9.2.9
TEST1 register (isolated side)
The TEST1 register has the structure of Table 53.
Setting an one check bit of the register enables the respective check mode.
Table 52. STATUS3 register description
Name
Bit
Fault
Latched
Force
“safe state”
Note
DT_ERR
4
Deadtime error flag.
This bit is forced high when a violation of
internal DT is detected.
Always
No
See details in Section 7.2
on page 26
SPI_ERR
3
SPI communication error flag.
It is forced high when the SPI
communication fails cause:
– Wrong CRC check.
– Wrong number of CK rising edges.
– Attempt to execute a not-allowed
command.
Attempt to read, write or reset at a not-
available address.
Always
No
REGERRL
2
Register or communication error on low
voltage side.
It is forced high when: -
– Programming procedure is not correctly
performed.
– Isolated interface communication fails.
– An unexpected register value change
occurs in one of the remote registers.
It is latched at power-up/reset also.
Always
Yes
This flag is released
when a programming
procedure is correctly
performed also.
OVLOD
1
VDD overvoltage flag.
It is forced high when VDD is over
OVVDDoff threshold.
Always
Yes
UVLOD
0
VDD undervoltage flag.
It is forced high when VDD is below VDDon
threshold. It is latched at power-up/reset
also.
Always
Yes
Table 53. TEST1 register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GOFFCHK
GONCHK
DESCHK
SNSCHK
RCHK
Default/reset
x
x
x
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com