Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1STR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGAP1STR
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1STR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGAP1STR Datasheet HTML 5Page - STMicroelectronics STGAP1STR Datasheet HTML 6Page - STMicroelectronics STGAP1STR Datasheet HTML 7Page - STMicroelectronics STGAP1STR Datasheet HTML 8Page - STMicroelectronics STGAP1STR Datasheet HTML 9Page - STMicroelectronics STGAP1STR Datasheet HTML 10Page - STMicroelectronics STGAP1STR Datasheet HTML 11Page - STMicroelectronics STGAP1STR Datasheet HTML 12Page - STMicroelectronics STGAP1STR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
DocID027190 Rev 3
9/67
STGAP1S
Pin connection
67
2
Pin connection
Figure 2. Pin connection (top view)
Table 1. Pin description
Pin no.
Pin name
Type
Function
7
VDD
Power supply
Internal 3.3 V regulator input supply pin
6
VREG
Power supply
Internal 3.3 V regulator output and supply pin
11
SD
Logic input
Shutdown input (active low)
9
IN+
Logic input
Gate command input
8
IN-/DIAG2
Logic input/open drain output
Gate command input /open drain diagnostic
output
10
DIAG1
Open drain output
Open drain diagnostic output
1, 12
GND
Ground
Low voltage section ground
4CS
Logic input
SPI chip select (active low)
5
CK
Logic input
SPI clock
3
SDI
Logic input
SPI serial data input
2
SDO
Logic output
SPI serial data output
19
VCECLAMP
Analog input
VCE active clamping protection
18
DESAT
Analog input
Desaturation protection
15
VREGISO
Power supply
Internal regulator output pin for decoupling
17
VH
Power supply
Positive voltage supply
20
GON
Analog output
Gate source output
21
GOFF
Analog output
Gate sink output
22
CLAMP
Analog output
Miller clamp
SDI
SDO
GND
1
3
2
CLAMP
VL
ASC
24
23
22
21
CK
DESAT
VCECLAMP
GON
20
19
17
18
5
7
6
8
VH
IN+
16
9
15
10
14
11
13
12
GOFF
4
VDD
GND
VREG
VL
VREGISO
SENSE
GNDISO
DIAG1
IN-/DIAG2
CS
SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com