Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1STR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STGAP1STR
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1STR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STGAP1STR Datasheet HTML 11Page - STMicroelectronics STGAP1STR Datasheet HTML 12Page - STMicroelectronics STGAP1STR Datasheet HTML 13Page - STMicroelectronics STGAP1STR Datasheet HTML 14Page - STMicroelectronics STGAP1STR Datasheet HTML 15Page - STMicroelectronics STGAP1STR Datasheet HTML 16Page - STMicroelectronics STGAP1STR Datasheet HTML 17Page - STMicroelectronics STGAP1STR Datasheet HTML 18Page - STMicroelectronics STGAP1STR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
DocID027190 Rev 3
15/67
STGAP1S
Electrical characteristics
67
Supply voltage
IREG
6
VREG short-circuit
current (see
Section 7.3 on page
29)
0.1 V < VREG < 3.0 V
60
120
mA
VREG < 0.1 V
15
35
VDDon
7
VDD UVLO turn-on
threshold
3.95
4.10
4.30
V
VDDoff
VDD UVLO turn-off
threshold
3.65
3.80
4
V
VDDhys
VDD UVLO hysteresis
0.15
V
OVVDDon
VDD OVLO turn-on
threshold
5.30
5.50
5.90
V
OVVDDoff
VDD OVLO turn-off
threshold
5.40
5.70
6.10
V
OVVDDhys
VDD OVLO hysteresis
100
200
300
mV
IQDD
7
VDD quiescent supply
current
VDD = 5 V;
SD = 5 V; INx = GND;
f = 0 Hz
5.20
6.50
7.50
mA
VDD = 5 V;
SD = 5 V;
fSW = fSW,max
7.50
8.50
9.50
mA
VHon
17
VH UVLO turn-on
threshold
VHONth = '01'
9.40
10
10.50
V
VHONth = '10'
11.30
12
12.60
VHONth = '11'
13.15
14
14.70
VHoff
VH UVLO turn-off
threshold
VHONth = '01'
8.50
9
9.45
V
VHONth = '10'
10.35
11
11.55
VHONth = '11'
12.25
13
13.65
VHhyst
VH UVLO hysteresis
0.70
1
1.30
V
VLon
14, 23
VL UVLO turn-on
threshold
VLONth = '01'
-3.15
-3
-2.80
V
VLONth = '10'
-5.25
-5
-4.70
VLONth = '11'
-7.35
-7
-6.55
VLoff
VL UVLO turn-off
threshold
VLONth = '01'
-2.15
-2
-1.90
V
VLONth = '10'
-4.25
-4
-3.80
VLONth = '11'
-6.35
-6
-5.70
VLhys
VL UVLO hysteresis
0.70
1
1.20
V
Table 6. DC operation electrical characteristics
(Tj = -40 to 125 °C, VDD = 5 V; VH = 15 V, VL = GNDISO) (continued)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com