Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1STR Datasheet(PDF) 48 Page - STMicroelectronics

Part # STGAP1STR
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1STR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STGAP1STR Datasheet HTML 44Page - STMicroelectronics STGAP1STR Datasheet HTML 45Page - STMicroelectronics STGAP1STR Datasheet HTML 46Page - STMicroelectronics STGAP1STR Datasheet HTML 47Page - STMicroelectronics STGAP1STR Datasheet HTML 48Page - STMicroelectronics STGAP1STR Datasheet HTML 49Page - STMicroelectronics STGAP1STR Datasheet HTML 50Page - STMicroelectronics STGAP1STR Datasheet HTML 51Page - STMicroelectronics STGAP1STR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
Programming manual
STGAP1S
48/67
DocID027190 Rev 3
9.1.2
WriteReg command
The device register can be written through the WriteReg command when the device is set in
the configuration mode only (refer to Section 9.1.1), otherwise the write command is ignored
and the SPI_ERR flag is forced low.
The WriteReg command is followed by the data to be written into the target register. The
CRC code following the data is based on both command and data bytes. In this way, in case
of communication error, a data byte cannot be decoded as a command and vice-versa (refer
to Section : CRC protection on page 45).
9.1.3
ReadReg command
The registers of the device can be read anytime through the ReadReg command. After the
command is received and decoded by the device, the register value and the respective CRC
code is prepared for the transmission. The CRC polynomial used by the device during the
transmission is different from the one used by the host, but the CRC code is not inverted
before transmission (refer to Section : CRC protection).
The time required to obtain the reading result changes according to the side where the
register is located. The reading of a local register (low voltage side) is available in 800 ns.
The reading of a remote register (isolated side), if no communication error occurs between
the two sides of the device, is available in 30 µs.
After the read result is ready, the host microcontroller must send another command in order
to receive it. The time required to make the read result available depends on the register
type: remote registers need longer time because of the isolated interface communication.
Table 16. WriteReg command synopsis
Byte
123
4
To device
100A AAAA(1)
1. The command byte where AAAAA is the address of the target register.
CCCC CCCC(2)
2. The CRC byte of the command, if the CRC check is disabled this byte is ignored.
DDDD DDDD(3)
3. Data to be written into the target register.
KKKK KKKK(4)
4. The CRC byte of the command and data, if the CRC check is disabled this byte is ignored.
Table 17. ReadReg command synopsis
Byte
1
2
3(1)
1. Proper time have to be waited in order to allow the device to prepare the data.
4
To device
101A AAAA(2)
2. The command byte where AAAAA is the address of the target register.
CCCC CCCC(3)
3. The CRC byte of the command, if the CRC check is disabled this byte is ignored.
0000 0000
CCCC CCCC(4)
4. The CRC byte of the NOP command.
From device
0000 0000
0000 0000
DDDD DDDD(5)
5. Data read from the target register.
KKKK KKKK(6)
6. The CRC byte of the data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com