Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1STR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STGAP1STR
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1STR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STGAP1STR Datasheet HTML 28Page - STMicroelectronics STGAP1STR Datasheet HTML 29Page - STMicroelectronics STGAP1STR Datasheet HTML 30Page - STMicroelectronics STGAP1STR Datasheet HTML 31Page - STMicroelectronics STGAP1STR Datasheet HTML 32Page - STMicroelectronics STGAP1STR Datasheet HTML 33Page - STMicroelectronics STGAP1STR Datasheet HTML 34Page - STMicroelectronics STGAP1STR Datasheet HTML 35Page - STMicroelectronics STGAP1STR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
Functional description
STGAP1S
32/67
DocID027190 Rev 3
Figure 12. Example of VCE active clamping protection connection
When the VCECLAMP is activated during the turn-off phase a watchdog timer starts inside
the driver. This timer allows the VCECLAMP pin to act on the driver's output status for
a tVCECLoff time maximum. After that time has expired, the driver continues the normal turn-
off ignoring the VCECLAMP pin status. This assures that the protection is only acting to
clamp inductive VCE spikes during the turn-off.
The timer is reset and the VCECLAMP protection is enabled again at the beginning of the
following turn-off sequence.
Figure 13. VCECLAMP timing diagram
The VCECLAMP pin is masked and has no effect on the driver's outputs status when the
external MOSFET/IGBT is on.
The VCE active clamping protection can be disabled connecting the VCECLAMP pin to VL.
Floating
Section
Control
Logic
VCECLAMP
VH
GON
GOFF
VL
CLAMP
GNDISO
CLAMPth
+
VL
VL
VL
Level
Shifter
tVCECLoff
GON\GOFF
VCECLAMP
VCEcounter
counting
ready
stopped
ready
stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com