Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1STR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGAP1STR
Description  gapDRIVE™: galvanically isolated single gate driver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1STR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGAP1STR Datasheet HTML 9Page - STMicroelectronics STGAP1STR Datasheet HTML 10Page - STMicroelectronics STGAP1STR Datasheet HTML 11Page - STMicroelectronics STGAP1STR Datasheet HTML 12Page - STMicroelectronics STGAP1STR Datasheet HTML 13Page - STMicroelectronics STGAP1STR Datasheet HTML 14Page - STMicroelectronics STGAP1STR Datasheet HTML 15Page - STMicroelectronics STGAP1STR Datasheet HTML 16Page - STMicroelectronics STGAP1STR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
DocID027190 Rev 3
13/67
STGAP1S
Electrical characteristics
67
4
Electrical characteristics
4.1
AC operation
Table 5. AC operation electrical characteristics
(Tj = -40 to 125 °C, VDD = 5 V; VH = 15 V, VL = GNDISO)
Symbol
Pin
Parameter
Test condition
Min. Typ. Max. Unit
tdeglitch
8, 9, 11
Input deglitch time
INfilter = '11'
50
70
90
ns
INfilter = '01'
140
210
280
ns
INfilter = '10'
490
560
630
ns
tINmin
Minimum propagated input pulse
INfilter = '00' and (2LTO_EN = '0'
or 2LTOtime = 0x0)
20
ns
tDon
8, 9, 11, 20
Input to output propagation
delay ON
Deglitch filter and 2LTO disabled
90
100
130
ns
tDoff
8, 9, 11, 21
Input to output propagation
delay OFF
Deglitch filter and 2LTO disabled
90
100
130
ns
tr
20
GON rise time
VL = 0 V;
CL = 2 nF, 10% ÷ 90%
25
ns
tf
21
GOFF rise time
VL = 0V
CL = 2 nF, 90% ÷ 10%
25
ns
PWD
8, 9, 11,
20, 21
Pulse width distortion |tDon - tDoff|
tIN > 100 ns
Deglitch filter and 2LTO disabled
410
ns
DT
8, 9, 20,
21
Deadtime
DTset = '01'
205
250
295
ns
DTset = '10'
650
800
945
DTset = '11'
985 1200 1415
trelease
11
Minimum flag release time
SD = '0', SD_FLAG = '1'
105
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com